Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7735SV Datasheet(PDF) 91 Page - Sitronix Technology Co., Ltd.

Part # ST7735SV
Description  132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735SV Datasheet(HTML) 91 Page - Sitronix Technology Co., Ltd.

Back Button ST7735SV Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 90Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7735SV Datasheet HTML 95Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 201 page
background image
ST7735SV
V 1.3
Page 91 of 201
2020-01
9.15.3 Reset Table (GM[1:0]= “00”, 132RGB x 162)
Item
After Power On
After H/W Reset
After S/W Reset
Frame memory
Random
No Change
No Change
Sleep In/Out
In
In
In
Display On/Off
Off
Off
Off
Display mode (normal/partial)
Normal
Normal
Normal
Display Inversion On/Off
Off
Off
Off
Display Idle Mode On/Off
Off
Off
Off
Column: Start Address (XS)
0000h
0000h
0000h
Column: End Address (XE)
0083h
0083h
0083h (131d) (when MV=0)
00A1h (161d) (when MV=1)
Row: Start Address (YS)
0000h
0000h
0000h
Row: End Address (YE)
00A1h
00A1h
00A1h (161d) (when MV=0)
0083h (131d) (when MV=1)
Gamma setting
GC0
GC0
GC0
RGB for 4k and 65k Color Mode
Random values
Random values
No Change
Partial: Start Address (PSL)
0000h
0000h
0000h
Partial: End Address (PEL)
00A2h
00A2h
00A2h
Scroll: Top Fixed Area (TFA)
0000h
0000h
0000h
Scroll: Scroll Area (VSA)
0084h
0084h
0084h
Scroll: Bottom Fixed Area (BFA)
0000h
0000h
0000h
Scroll Start Address (SSA)
0000h
0000h
0000h
Tearing: On/Off
Off
Off
Off
Tearing Effect Mode (*1)
0 (Mode1)
0 (Mode1)
0 (Mode1)
Memory Data Access Control
(MY/MX/MV/ML/RGB)
0/0/0/0/0
0/0/0/0/0
No Change
Interface Pixel Color Format
6 (18-Bit/Pixel)
6 (18-Bit/Pixel)
No Change
RDDPM
08h
08h
08h
RDDMADCTL
00h
00h
No Change
RDDCOLMOD
6 (18-Bit/Pixel)
6 (18-Bit/Pixel)
No Change
RDDIM
00h
00h
00h
RDDSM
00h
00h
00h
ID1
NV value
NV value
NV value
ID2
NV value
NV value
NV value
ID3
NV value
NV value
NV value
Note: TE Mode 1 means Tearing Effect Output Line consists of V-Blanking Information only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com