Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32D Datasheet(PDF) 5 Page - Huizhou Songlong Lishang Electronics Co., LTD

Part # 32D
Description  VDR Varistor 32D SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLONG [Huizhou Songlong Lishang Electronics Co., LTD]
Direct Link  http://english.vdrsas.com.cn/
Logo SONGLONG - Huizhou Songlong Lishang Electronics Co., LTD

32D Datasheet(HTML) 5 Page - Huizhou Songlong Lishang Electronics Co., LTD

  32D Datasheet HTML 1Page - Huizhou Songlong Lishang Electronics Co., LTD 32D Datasheet HTML 2Page - Huizhou Songlong Lishang Electronics Co., LTD 32D Datasheet HTML 3Page - Huizhou Songlong Lishang Electronics Co., LTD 32D Datasheet HTML 4Page - Huizhou Songlong Lishang Electronics Co., LTD 32D Datasheet HTML 5Page - Huizhou Songlong Lishang Electronics Co., LTD 32D Datasheet HTML 6Page - Huizhou Songlong Lishang Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
惠州市嵩隆力上电子
VDR Varistor
SONGLONG LISHANG
32D SERIES
Reliability Test
Mechanical Ratings
Test Parameter Test Condition / Description
Performance
Requirements
Terminal Pull
Strength
After gradually applying the load specified below and keeping
the unit fixed for ten seconds, the terminal shall be visually
examined for any damage.
Diameter
Loading
No visible damage
0.6mm
1.0 Kg
0.8mm
1.0 Kg
1.0mm
2.0 Kg
Terminal Bending
Strength
The unit shall be secured with its terminal kept vertical and the
weight specified below be applied in the axial direction. The
terminal shall gradually be bent by 90° in one direction, then 90°
in the opposite direction, and again back to the original position.
The damage of the terminal shall be visually examined.
Diameter
Loading
No visible damage
0.6mm
0.5 Kg
0.8mm
0.5 Kg
1.0mm
1.0 Kg
Vibration
The Specimen shall be vibrated by its lead wires with a total amplitude of 1.5㎜ and a
varying frequency of 10~55~10HZ(each minutes) for a period of 2 hours respectively in
each X,Yand Z directions.
No visible damage
△
VB/VB%≦±5%
Soldering-
solderability
After dipping the terminal to depth of approximately 3㎜ from the specimen in a soldering
bath of 260℃ for 10±1(D5: 5±1) seconds. Thereafter the terminal shall be visually
examined.
Terminations shall
be uniformly tinned
Soldering-
Resistance to
Solder Heat
After preheating the specimen, the specimen shall be completely immersed into a
soldering bath having a temperature of 260±5℃ for 10±1 (D5: 5±1) seconds or iron of
400±5℃ for 3±0.5 seconds. There after the change of Vb and mechanical damage shall
be examined.
No visible damage
△
VB/VB%≦±5%
ENVIRONMENTAL RATINGS
Dry Heat Loading
The specimen shall be applied continuously the maximum allowable voltage at the
specified conditions for specified period and then stored at room temperature and normal
humidity over 2 hours. Thereafter, the change of Vb and mechanical damage shall be
examined.
Ambient
temp:125±2℃
;
Period:1000±24hours.
△
VB/VB%≦±10%
High Temperature
Storage
In a drying oven without load.
Ambient temp:125±2℃ ;
period:1000±24hours
△
VB/VB%≦±5%
Damp Heat
Loading
The specimen shall be applied continuously the maximum allowable voltage at the
specified conditions for specified period and then stored at room temperature and normal
humidity over 2 hours. Thereafter, the change of Vb and mechanical damage shall be
examined.
Ambient
condition:40±2℃ , 90 to 95%R.H. ; period:1000±24 hours
△
VB/VB%≦±10%
Temperature
Cycle
Condition the specimen to each temperature form step 1
to step 4 in this order for the period shown in the table of
specifications. The change of Vb and mechanical
damage shall be examined after 2 hours.
Step
TempoC
Period
No visible damage
△
VB/VB%≦±10%
1
-40+3oC
30 min.
2
Room Temp
15 min.
3
85+2oC
30 min.
4
Room Temp
15 min.
Surge Lifetime
Rating
The change of Vb shall be measured after the impulse listed below is applied 10,000
times continuously with the interval of ten seconds at room temperature.
No visible damage
△
VB/VB%≦±10%
Voltage Proof
Voltage:2500VAC Leakage Current≦0.5mA Time:60 Seconds
No Breakdown
Page-4
www.vdrsas.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com