| Electronic Components Datasheet Search |
|
LD2981ABM30TR Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD2981ABM30TR Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 27 page ![]() List of figures LD2981 4/27 DocID6279 Rev 17 List of figures Figure 1: Schematic diagram ......................................................................................................................5 Figure 2: Pin connections (top view)...........................................................................................................6 Figure 3: Application circuit.........................................................................................................................8 Figure 4: Output voltage vs temperature ..................................................................................................12 Figure 5: Dropout voltage vs temperature ................................................................................................12 Figure 6: Line regulation vs temperature ..................................................................................................12 Figure 7: Load regulation vs temperature.................................................................................................12 Figure 8: Dropout voltage vs temperature ................................................................................................13 Figure 9: Quiescent current vs temperature .............................................................................................13 Figure 10: Quiescent current vs output current ........................................................................................13 Figure 11: Off mode quiescent current vs temperature ............................................................................13 Figure 12: Quiescent current vs input voltage ..........................................................................................13 Figure 13: Dropout voltage vs output current ...........................................................................................13 Figure 14: Inhibit input current vs temperature .........................................................................................14 Figure 15: Inhibit voltage vs temperature .................................................................................................14 Figure 16: Supply voltage rejection vs frequency .....................................................................................14 Figure 17: Noise voltage vs frequency .....................................................................................................14 Figure 18: Best case: highest output version ...........................................................................................14 Figure 19: Worst case: lowest output version...........................................................................................14 Figure 20: Load transient response ..........................................................................................................15 Figure 21: Line transient response ...........................................................................................................15 Figure 22: Reverse current test circuit ......................................................................................................17 Figure 23: SOT-89 package outline..........................................................................................................18 Figure 24: SOT-89 recommended footprint ..............................................................................................20 Figure 25: SOT-89 carrier tape outline .....................................................................................................21 Figure 26: SOT23-5L package outline......................................................................................................22 Figure 27: SOT23-5L recommended footprint ..........................................................................................23 Figure 28: SOT23-5L tape and reel outline ..............................................................................................24 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |