Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD2981ABM33TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LD2981ABM33TR
Description  Ultra low-drop voltage regulators with inhibit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981ABM33TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LD2981ABM33TR Datasheet HTML 8Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 9Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 10Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 11Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 12Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 13Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 14Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 15Page - STMicroelectronics LD2981ABM33TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Typical performance characteristics
LD2981
12/27
DocID6279 Rev 17
6
Typical performance characteristics
(TJ = 25 °C, VI = VO(NOM) +1 V, CI
= 1 μF, CO = 2.2 μF, VINH = 2 V, unless otherwise
specified).
Figure 4: Output voltage vs temperature
Figure 5: Dropout voltage vs temperature
Figure 6: Line regulation vs temperature
Figure 7: Load regulation vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com