Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD2981ABM50TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LD2981ABM50TR
Description  Ultra low-drop voltage regulators with inhibit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981ABM50TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LD2981ABM50TR Datasheet HTML 15Page - STMicroelectronics LD2981ABM50TR Datasheet HTML 16Page - STMicroelectronics LD2981ABM50TR Datasheet HTML 17Page - STMicroelectronics LD2981ABM50TR Datasheet HTML 18Page - STMicroelectronics LD2981ABM50TR Datasheet HTML 19Page - STMicroelectronics LD2981ABM50TR Datasheet HTML 20Page - STMicroelectronics LD2981ABM50TR Datasheet HTML 21Page - STMicroelectronics LD2981ABM50TR Datasheet HTML 22Page - STMicroelectronics LD2981ABM50TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
LD2981
Package information
DocID6279 Rev 17
19/27
Table 6: SOT-89 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.40
1.60
B
0.44
0.56
B1
0.36
0.48
C
0.35
0.44
C1
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
D3
0.90
E
2.29
2.60
e
1.42
1.57
e1
2.92
3.07
H
3.94
4.25
H1
2.70
3.10
K
1°
8°
L
0.89
120
R
0.25
β
90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com