Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2418 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2418
Description  LOW CURRENT LNA/MIXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2418 Datasheet HTML 1Page - RF Micro Devices RF2418 Datasheet HTML 2Page - RF Micro Devices RF2418 Datasheet HTML 3Page - RF Micro Devices RF2418 Datasheet HTML 4Page - RF Micro Devices RF2418 Datasheet HTML 5Page - RF Micro Devices RF2418 Datasheet HTML 6Page - RF Micro Devices RF2418 Datasheet HTML 7Page - RF Micro Devices RF2418 Datasheet HTML 8Page - RF Micro Devices RF2418 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF2418
Rev A7 DS060203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
10
GND
Same as pin 2.
11
RF IN
Mixer RF Input port. For a 50
Ω match at 900MHz use a 15nH series
inductor. This pin is NOT internally DC-blocked. An external blocking capac-
itor must be provided if the pin is connected to a device with DC present. A
DC path to ground (i.e. an inductor or resistor to ground) is, however,
acceptable at this pin. If a blocking capacitor is required, a value of 22pF is
recommended.To minimize the mixer’s noise figure, it is recommended to
have a RF bandpass filter before this input. This will prevent the noise at
the image frequency from being converted to the IF.
12
GND
Same as pin 2.
13
GND
Same as pin 2.
14
LNA OUT
50
Ω output. Internally DC-blocked.
RF IN
LNA OUT
0.156
0.148
0.059
0.057
0.252
0.236
0.010
0.004
.018
.014
8° MAX
0° MIN
0.0500
0.0164
0.010
0.007
0.347
0.339
0.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com