Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2381 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2381
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2381 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2381 Datasheet HTML 2Page - RF Micro Devices RF2381 Datasheet HTML 3Page - RF Micro Devices RF2381 Datasheet HTML 4Page - RF Micro Devices RF2381 Datasheet HTML 5Page - RF Micro Devices RF2381 Datasheet HTML 6Page - RF Micro Devices RF2381 Datasheet HTML 7Page - RF Micro Devices RF2381 Datasheet HTML 8Page - RF Micro Devices RF2381 Datasheet HTML 9Page - RF Micro Devices RF2381 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RF2381
Rev A2 DS060907
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
1850MHz to 1910MHz
Evaluation Board Schematic
RF IN
4
5
6
3
2
1
Note orientation of
package in this schematic.
1 pF
GC
2.7 nH
33 nF
VCC
RF OUT
2.7 nH*
33 nF
VCC
ATT
ATT
100 pF
33 pF
*For W-CDMA, use 2.2 nH
Note orientation of
package in this schematic.
C8
1 pF
L2
2.7 nH
C3
33 nF
L3
2.7 nH
C4
33 nF
VCC
50
Ω μstrip
J2
RF OUT
C6
33 nF
C7
1
μF
50
Ω μstrip
J1
RF IN
VCC
GC
C1
100 pF
P1
1
2
3
4
5
GND
P1-3
P1-4
VCC
GND
P1-1
GC
4
5
6
3
2
1
ATT
ATT
C2
33 pF
C5
33 pF
2381401-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com