Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2381PCBA-41X Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2381PCBA-41X
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2381PCBA-41X Datasheet(HTML) 5 Page - RF Micro Devices

  RF2381PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RF2381
Rev A2 DS060907
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1RF OUT
RF output pin. This pin is DC-coupled and requires VCC through a bias
inductor sized accordingly to provide a high pass transformation with a
series capacitor.
2GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3GC
Analog gain control pin. This pin controls the gain of the IC. Minimum gain
occurs at VGC<0.4V and maximum gain is achieved with VGC=2.0V. 50dB
of linear gain control with little variation of input P1dB is available.
4RF IN
RF input pin. This pin is DC-coupled.
5GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
6VCC
Power supply. This pin should be connected to a regulated supply and
requires a series inductor and bypass capacitor. Voltage is supplied
through this pin to the first stage collector; this voltage also controls the
bias. Gain may be tuned by adjusting the value of the feed inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com