Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA462 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2SA462
Description  Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SA462 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2SA462 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SA462 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
電  気  的  特  性  (Ta = 25℃)
外形
備  考
型  名
バイアス
hie
(Ω)
hre
(x10
-4)
hoe
(μS)
fab
fT*
(MHz)
Cob
(pF)
rbb'
hie(real)*
(Ω)
Vcb
Ie
hfe
(V)
(mA)
-
-
-
PG=17dB(f=100MHz)
400*
0.9
80*
11A
-
2SA460
-6
3
30
PG=18dB(f=100MHz)
400*
0.9
65*
11A
-
2SA461
-6
3
30
PG=20dB(f=100MHz)
400*
0.9
65*
11A
-
2SA462
-6
3
30
PG=16.5dB(f=100MHz)
300*
1
80*
11A
-
2SA463
-6
3
10
-
850*
0.8
Cc rbb'
12ps 20
11A
-
2SA464
-6
3
30
PG=8dB(f=800MHz)
600*
0.5
57
-
2SA465
-6
1
40
-
15*
3
50
12A
-
2SA466
-10
10
80
-
>100*
10
50
138
2SC367とコンプリ
2SA467
-6
1
70
-
30*
3
40
12A
-
2SA468
-6
1
50
-
30*
3
40
12A
-
2SA469
-6
1
75
-
30*
3
40
12A
-
2SA470
-6
1
50
PG=21dB(f=10.7MHz)
-
<3.5
-
12A
-
2SA471
-6
1
80
-
30*
3
40
12A
-
2SA472
-2
500
-
-
100*
40
-
268
2SC1173とコンプリ
2SA473
-6
1
50
-
70
4
30
12A
-
2SA474
-6
1
50
-
30
4
30
12A
-
2SA475
-6
1
50
-
65
1.5
40
12A
-
2SA476
-6
1
60
PG=27dB(f=10.7dB)
-
1.5
-
12A
-
2SA477
-6
1
-
tr<85ns,tf<250ns,ta<85ns
>25
<6
<120
12A
-
2SA478
-6
1
-
tr<50ns,tf<70ns,ta<300ns
>25
3
<120
12A
-
2SA479



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com