Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-13 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EE-13
Description  Switching Power Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EE-13 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EE-13 Datasheet HTML 1Page - List of Unclassifed Manufacturers EE-13 Datasheet HTML 2Page - List of Unclassifed Manufacturers EE-13 Datasheet HTML 3Page - List of Unclassifed Manufacturers EE-13 Datasheet HTML 4Page - List of Unclassifed Manufacturers EE-13 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Switching Power Transformers
EPC Series
Shape & Dimensions in
mm
Dimensions in mm (inches)
PART NO. TERMINALPINS
A
B
C
D
E
F
EPC10
8
5.5
10.2
11.5+/-0.5
2.0
10.9
10.9
EPC13
10
6.8
17.2
20.2+/-0.2
3.0
14
14
EPC19
10
9.5
22.5
25
3.5
20
20
EPC25
10
11.5
27.6
29.6
3.8
25
25
TYPE : H ->HORIZONTAL TYPE V ->VERTICAL TYPE
DESIGN AS CUSTOMER'S REQUESTED SPECIFICATIONS
ETD Series
Shape & Dimensions in
mm
Dimensions in mm (inches)
PART NO. TERMINALPINS
A
B
C+/-0.5
D+/-0.5
E+/-0.5
F
TYPE
ETD-24
12
35.6
21
17.8
4
5.08
36.1
V
ETD-29
12
40.9
24
20.3
4
5.08
41.8
V
ETD-29
14
24.9
35.1
25.5
4
5
35.7
H
ETD-34
16
39.9
31.7
25.5
4
5
42
V
ETD-34
14
29.8
40
25.5
4
5
39.9
H
ETD-39
14
35.6
44.2
30.7
4
5
44.6
H
ETD-44
18
42
32
27.5
4
5
45
V
ETD-44
18
39.6
51.3
35.7
4
5
49.8
H
ETD-49
22
57.5
36
27.5
5
5
53.7
V
ETD-49
20
41.4
57.2
40.7
5
5
54.7
H
TYPE : H ->HORIZONTAL TYPE V ->VERTICAL TYPE
DESIGN AS CUSTOMER'S REQUESTED SPECIFICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com