Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4969MD Datasheet(PDF) 17 Page - STMicroelectronics

Part # L4969MD
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969MD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L4969MD Datasheet HTML 13Page - STMicroelectronics L4969MD Datasheet HTML 14Page - STMicroelectronics L4969MD Datasheet HTML 15Page - STMicroelectronics L4969MD Datasheet HTML 16Page - STMicroelectronics L4969MD Datasheet HTML 17Page - STMicroelectronics L4969MD Datasheet HTML 18Page - STMicroelectronics L4969MD Datasheet HTML 19Page - STMicroelectronics L4969MD Datasheet HTML 20Page - STMicroelectronics L4969MD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17/35
L4969
1.10.3 Datafield #1
Figure 9.
Datafield #1 contains either the lower 8 bits of a 12-Bit frame or the complete byte of an 8-Bit transfer.
Note, that SOUT is always showing the content of the register currently accessed and not a copy of SIN as dur-
ing the Address/ Command field.
1.10.4 Datafield #2 /CRC
Figure 10.
Datafield #2 contains either the upper four bits of a 12-Bit frame or zeros in case of an 8-Bit transfer. This field
is followed by a four bit CRC sequence that is calculated based upon the polynom 0x11h (17 decimal). This
sequence is simply the remainder of a polynomial division performed on the data previously transferred. If the
CRC appended to the SIN sequence fails, any writing will be disabled and an error is signalled via NINT. Another
remainder is calculated on the SOUT stream and appended accordingly to allow the application software to val-
idate the correctness of incoming data. To aid evaluation, the CRC checking can be turned off by writing arbi-
trary data with a valid CRC to address 15. CRC-checking will be reenabled upon another operation of this kind
(Toggled information).
D7
D6
D5
D4
D3
D2
D1
D0
SIN: Data to write
SOUT: Data currently in selected register
Lower 8 Bit of 12 Bit data
99AT0017
D11
D10
D9
D8
CRC3
CRC2
CRC1
CRC0
SIN: Data to write
SOUT: Data currently in selected register
Upper 4 Bit of 12 Bit data (Zero if 8 Bit data)
CRC Check sequence
to be appended to tranferred data
Note that upon CRC check failure
no write operation will be performed
SIN: CRC of SIN sequence
SOUT: CRC of SOUT sequence
99AT0018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com