Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2876 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2876
Description  Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2876 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2876 Datasheet HTML 1Page - National Semiconductor (TI) LM2876 Datasheet HTML 2Page - National Semiconductor (TI) LM2876 Datasheet HTML 3Page - National Semiconductor (TI) LM2876 Datasheet HTML 4Page - National Semiconductor (TI) LM2876 Datasheet HTML 5Page - National Semiconductor (TI) LM2876 Datasheet HTML 6Page - National Semiconductor (TI) LM2876 Datasheet HTML 7Page - National Semiconductor (TI) LM2876 Datasheet HTML 8Page - National Semiconductor (TI) LM2876 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Notes 4,
5)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage |V
+|+|V−| (No Signal)
72V
Supply Voltage |V
+|+|V−| (Input Signal)
70V
Common Mode Input Voltage
(V
+ or V−) and
|V
+|+|V−|
≤ 60V
Differential Input Voltage
60V
Output Current
Internally Limited
Power Dissipation (Note 6)
125W
ESD Susceptibility (Note 7)
3000V
Junction Temperature (Note 8)
150˚C
Soldering Information
T Package (10 seconds)
260˚C
Storage Temperature
−40˚C to +150˚C
Thermal Resistance
θ
JC
1˚C/W
θ
JA
43˚C/W
Operating Ratings (Notes 4, 5)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−20˚C
≤ T
A
≤
+85˚C
Supply Voltage |V
+|+|V−|
20V to 60V
Note 1: Operation is guaranteed up to 60V, however, distortion may be
introduced from SPiKe Protection Circuitry if proper thermal considerations
are not taken into account. Refer to the Thermal Considerations section for
more information.
(See SPiKe Protection Response)
Electrical Characteristics (Notes 4, 5)
The following specifications apply for V
+ = +30V, V− = −30V, I
MUTE = −0.5 mA with RL =8
Ω unless otherwise specified. Limits
apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM2876
Units
(Limits)
Typical
Limit
(Note 9)
(Note 10)
|V
+|+|V−|
Power Supply Voltage (Note 13)
V
pin7 −V
−
≥ 9V
18
20
V (min)
60
V (max)
A
M
Mute Attenuation
Pin 8 Open or at 0V, Mute: On
Current out of Pin 8 > 0.5 mA,
115
80
dB (min)
Mute: Off
P
O (Note 3)
Output Power (Continuous Average)
THD+N= 0.1% (max)
40
25
W (min)
f=1kHz;f=20kHz
Peak P
O
Instantaneous Peak Output Power
75
W
THD + N
Total Harmonic Distortion Plus Noise
25W, 20 Hz
≤ f ≤ 20 kHz
0.06
%
A
V =26dB
SR (Note 3) Slew Rate (Note 12)
V
IN = 1.2 Vrms,f=10 kHz,
9
5
V/µs (min)
Square-Wave, R
L =2k
Ω
I
+ (Note 2)
Total Quiescent Power Supply Current
V
CM = 0V, Vo = 0V, Io = 0A
24
50
mA (max)
V
OS
(Note 2)
Input Offset Voltage
V
CM = 0V, Io = 0 mA
1
10
mV (max)
I
B
Input Bias Current
V
CM = 0V, Io = 0 mA
0.2
1
µA (max)
I
OS
Input Offset Current
V
CM = 0V, Io = 0 mA
0.01
0.2
µA (max)
I
o
Output Current Limit
|V
+|=|V−| = 10V, t
ON = 10 ms, VO = 0V
4
3
A (min)
V
od
(Note 2)
Output Dropout Voltage (Note 14)
|V
+–V
O|, V
+ = 20V, I
o = +100 mA
1.5
4
V (max)
|V
O–V
−|, V− = −20V, I
o = −100 mA
2.5
4
V (max)
PSRR
(Note 2)
Power Supply Rejection Ratio
V
+ = 30V to 10V, V− = −30V,
125
85
dB (min)
V
CM = 0V, Io =0mA
V
+ = 30V, V− = −30V to −10V,
110
85
dB (min)
V
CM = 0V, Io =0mA
CMRR
(Note 2)
Common Mode Rejection Ratio
V
+ = 50V to 10V, V− = −10V to −50V,
110
75
dB (min)
V
CM = 20V to −20V, Io =0mA
A
VOL
(Note 2)
Open Loop Voltage Gain
|V
+|=|V−| = 30V, R
L =2k
Ω, ∆V
O = 40V
115
80
dB (min)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com