Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD1000AS Datasheet(PDF) 8 Page - Filtronic Compound Semiconductors

Part # FPD1000AS
Description  1W PACKAGED POWER PHEMT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1000AS Datasheet(HTML) 8 Page - Filtronic Compound Semiconductors

Back Button FPD1000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 10Page - Filtronic Compound Semiconductors FPD1000AS Datasheet HTML 11Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
8
Datasheet v3.0
FPD1000AS
S-PARAMETERS:
Note: Biased @ 10V, 200mA
FREQ-GHZ
S11MAG
S11ANG
S21MAG
S21ANG
S12MAG
S12ANG
S22MAG
S22ANG
0.50
0.88
-128.80
15.67
106.53
0.03
28.11
0.28
-125.75
0.60
0.87
-138.81
13.51
100.36
0.03
24.30
0.28
-134.41
0.70
0.87
-146.73
11.82
95.18
0.03
21.50
0.28
-140.94
0.80
0.87
-153.30
10.51
90.63
0.03
19.18
0.28
-146.22
0.90
0.86
-158.82
9.47
86.53
0.03
17.49
0.28
-150.43
1.00
0.86
-163.57
8.59
82.82
0.03
15.99
0.28
-154.02
1.10
0.86
-167.75
7.86
79.41
0.03
14.99
0.28
-156.96
1.20
0.86
-171.53
7.23
76.19
0.03
13.89
0.28
-159.56
1.30
0.86
-174.94
6.72
73.13
0.03
13.12
0.28
-161.88
1.40
0.86
-178.08
6.26
70.17
0.03
12.20
0.28
-163.82
1.50
0.86
178.98
5.86
67.33
0.03
11.65
0.29
-165.60
1.60
0.86
176.28
5.51
64.62
0.03
11.00
0.29
-167.20
1.70
0.86
173.71
5.20
61.95
0.03
10.43
0.29
-168.79
1.80
0.86
171.32
4.93
59.34
0.03
10.09
0.29
-170.11
1.90
0.86
168.97
4.68
56.77
0.03
9.33
0.29
-171.44
2.00
0.85
166.76
4.46
54.27
0.03
9.11
0.29
-172.55
2.10
0.85
164.62
4.26
51.80
0.03
8.72
0.29
-173.63
2.20
0.85
162.52
4.07
49.34
0.04
8.23
0.30
-174.74
2.30
0.85
160.59
3.91
46.97
0.04
7.91
0.30
-175.59
2.40
0.85
158.68
3.75
44.57
0.04
7.48
0.30
-176.51
2.50
0.85
156.79
3.61
42.21
0.04
6.98
0.30
-177.41
2.60
0.85
154.99
3.48
39.86
0.04
6.55
0.30
-178.34
2.70
0.85
153.27
3.36
37.54
0.04
6.11
0.30
-179.07
2.80
0.85
151.54
3.25
35.25
0.04
5.76
0.31
-179.86
2.90
0.85
149.70
3.14
32.97
0.04
5.67
0.31
179.17
3.00
0.85
148.18
3.05
30.71
0.04
5.28
0.31
178.58
3.10
0.85
146.56
2.95
28.46
0.04
4.73
0.31
177.94
3.20
0.85
145.00
2.87
26.22
0.04
4.39
0.31
177.26
3.30
0.85
143.46
2.79
24.00
0.04
3.80
0.31
176.65
3.40
0.85
141.96
2.71
21.75
0.04
3.47
0.31
176.12
3.50
0.85
140.50
2.64
19.55
0.04
2.94
0.32
175.68
3.60
0.85
139.18
2.57
17.37
0.04
2.37
0.32
175.37
3.70
0.85
137.91
2.50
15.34
0.04
2.17
0.32
174.54
3.80
0.84
133.28
2.55
12.52
0.05
1.14
0.30
171.63
3.90
0.84
131.33
2.51
10.15
0.05
0.41
0.30
170.81
4.00
0.84
129.25
2.47
7.62
0.05
-0.73
0.30
169.88
4.10
0.83
127.24
2.42
5.19
0.05
-1.59
0.30
168.68
4.20
0.83
125.13
2.38
2.91
0.05
-2.45
0.30
167.57
4.30
0.83
123.09
2.34
0.60
0.05
-3.33
0.30
166.08
4.40
0.82
120.85
2.31
-1.66
0.05
-4.30
0.29
164.67
4.50
0.82
118.85
2.28
-4.25
0.05
-5.16
0.29
163.90
4.60
0.82
116.97
2.24
-6.61
0.06
-6.12
0.29
162.91
4.70
0.82
114.89
2.21
-8.92
0.06
-7.13
0.29
161.64
4.80
0.82
112.68
2.18
-11.33
0.06
-7.96
0.29
160.21
4.90
0.82
110.43
2.15
-13.72
0.06
-8.99
0.29
158.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com