Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD1000AS-EB Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FPD1000AS-EB
Description  1W PACKAGED POWER PHEMT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1000AS-EB Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FPD1000AS-EB Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1000AS-EB Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1000AS-EB Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1000AS-EB Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1000AS-EB Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1000AS-EB Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1000AS-EB Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1000AS-EB Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1000AS-EB Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Datasheet v3.0
FPD1000AS
TYPICAL MEASURED RF PERFORMANCE:
Note: Measurement Conditions TAMBIENT = 22°C unless otherwise stated (VDS=10V, IDS=200mA)
FPD1000AS at VDS = 10V and IDS = 200mA
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
Ga
in
S21
MSG
FPD1000AS WCDMA ACPR 1900 MHz
DOWNLINK Pk/Avg = 9dB 0.01%
-60
-50
-40
-30
-20
-10
0
10
20
30
40
345
6789
10
11
12
13
14
Input Power (dBm)
-70
-60
-50
-40
-30
-20
-10
0
Output Power
ACPR (5 MHz)
ACPR (10MHz)
(dB)
AS PACKAGE OUTLINE AND RECOMMENDED PC BOARD LAYOUT:
(dimensions in millimeters – mm)
2 Plcs.
1.3
3.2
3.8
1.9±0.25
0.35
0.35
2 Plcs.
2 Plcs.
All Dimnesions in mm
General Tolerance: .xx ± 0.05 .x ± 0.15
For best positional accuracy in auto pick and place
device should be referenced directly from the leads
Epoxy Fillet



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com