Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES31A20DDFR Datasheet(PDF) 22 Page - Texas Instruments

Part # RES31A20DDFR
Description  RES31A Matched, Thin-Film Resistor Dividers With 100kΩ Inputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RES31A20DDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button RES31A20DDFR Datasheet HTML 18Page - Texas Instruments RES31A20DDFR Datasheet HTML 19Page - Texas Instruments RES31A20DDFR Datasheet HTML 20Page - Texas Instruments RES31A20DDFR Datasheet HTML 21Page - Texas Instruments RES31A20DDFR Datasheet HTML 22Page - Texas Instruments RES31A20DDFR Datasheet HTML 23Page - Texas Instruments RES31A20DDFR Datasheet HTML 24Page - Texas Instruments RES31A20DDFR Datasheet HTML 25Page - Texas Instruments RES31A20DDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Amplifier Feedback Circuit
The RES31A is typically used to implement the feedback path of an operational amplifier, and thus set the circuit
gain. This circuit is configured as either inverting or noninverting, with the input voltage being applied to that
respective amplifier input, and is generically drawn in the following figure.
+
–
GND
+
–
V
IN
R
Y
R
X
V
OUT
Figure 8-1. Inverting Amplifier Configuration
+
–
GND
V
IN
R
Y
R
X
V
OUT
+
–
Figure 8-2. Noninverting Amplifier Configuration
For the inverting circuit configuration:
GInv=RXRY
(18)
VOUT=–VIN×GInv
(19)
For the noninverting circuit configuration:
GNoninv=1+RXRY
(20)
VOUT=VIN×GNoninv
(21)
Typically, RX = RG and RY = RIN, allowing noninverting gains from 2 to 11 to be achieved. Inverting gains range
in this configuration from –1 to –10. More unique configurations are also possible; see also Section 8.1.6.2.
Gx=Gnom1+tDx
(22)
RES31A
SLVSKC6 – DECEMBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: RES31A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com