Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902BA Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2902BA
Description  LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2902BA Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2902BA Datasheet HTML 5Page - Texas Instruments LM2902BA Datasheet HTML 6Page - Texas Instruments LM2902BA Datasheet HTML 7Page - Texas Instruments LM2902BA Datasheet HTML 8Page - Texas Instruments LM2902BA Datasheet HTML 9Page - Texas Instruments LM2902BA Datasheet HTML 10Page - Texas Instruments LM2902BA Datasheet HTML 11Page - Texas Instruments LM2902BA Datasheet HTML 12Page - Texas Instruments LM2902BA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
5.6 Electrical Characteristics: LM2902-Q1, LM2902KV-Q1, LM2902KAV-Q1 (continued)
For VS = (V+) – (V–) = 5V, at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP(2)
MAX
UNIT
AVD
Large-signal differential voltage
amplification
VCC = 15V, VO = 1V to 11V,
RL ≥ 2kΩ
25°C
25
100
V/mV
Full Range
15
Amplifier-to-amplifier
coupling(3)
f = 1kHz to 20kHz,
input referred
25°C
120
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
25°C
60
80
dB
kSVR
Supply-voltage rejection ratio
(∆VCC /∆VIO)
25°C
60
100
dB
VO1/ VO2 Crosstalk attenuation
f = 1kHz to 20kHz
25°C
120
dB
IO
Output current
VCC = 15V, VO = 0
VID = 1V
25°C
–20
–30
–60
mA
Full Range
–10
VCC = 15V, VO = 15V VID = −1V
25°C
10
20
Full Range
5
VID = −1V
VO = 200mV
25°C
12
40
µA
IOS
Short-circuit output current
VCC at 5V,
GND at −5V
VO = 0
25°C
±40
±60
mA
ICC
Supply current (four amplifiers)
VO = 2.5V
No load
Full Range
0.7
1.2
mA
VCC = 32V,
VO = 0.5VCC
No load
Full Range
1.4
3
(1)
Full range is −40°C to 125°C.
(2)
All typical values are at TA = 25°C
(3)
Due to proximity of external components, ensure that coupling is not originating via stray capacitance between these external parts.
Typically, this can be detected, as this type of coupling increases at higher frequencies.
5.7 Operating Conditions: LM2902-Q1, LM2902KV-Q1, LM2902KAV-Q1
For VS = (V+) – (V–) = 15V, at TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL = 1MΩ, CL = 30pF, VI = ±10V (see Figure 6-1)
0.5
V/µs
B1
Unity-gain bandwidth
RL = 1MΩ, CL = 20pF (see Figure 6-1)
1.2
MHz
VN
Equivalent input noise voltage
RS = 100Ω, VI = 0V, f = 1kHz (see Figure 6-2)
35
nV/√Hz
www.ti.com
LM2902-Q1, LM2902B-Q1, LM2902BA-Q1
SGLS178I – AUGUST 2003 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM2902-Q1 LM2902B-Q1 LM2902BA-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com