Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4752 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4752
Description  Stereo 11W Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4752 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4752 Datasheet HTML 12Page - National Semiconductor (TI) LM4752 Datasheet HTML 13Page - National Semiconductor (TI) LM4752 Datasheet HTML 14Page - National Semiconductor (TI) LM4752 Datasheet HTML 15Page - National Semiconductor (TI) LM4752 Datasheet HTML 16Page - National Semiconductor (TI) LM4752 Datasheet HTML 17Page - National Semiconductor (TI) LM4752 Datasheet HTML 18Page - National Semiconductor (TI) LM4752 Datasheet HTML 19Page - National Semiconductor (TI) LM4752 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Information (Continued)
threshold voltage is desired. One example is a design requir-
ing a high operating supply voltage, with large supply and
bias capacitors, and there is little or no other circuitry con-
nected to the main power supply rail. In this circuit, when the
power is disconnected, the supply and bias capacitors will
discharge at a slower rate, possibly resulting in audible
output distortion as the decaying voltage begins to clip the
output signal. An external circuit may be used to sense for
the desired threshold, and pull the bias line (pin5) to ground
to disable the input preamp. Figure 7 shows an example of
such a circuit. When the voltage across the zener diode
drops below its threshold, current flow into the base of Q1 is
interrupted. Q2 then turns on, discharging the bias capacitor.
This discharge rate is governed by several factors, including
the bias capacitor value, the bias voltage, and the resistor at
the emitter of Q2. An equation for approximating the value of
the emitter discharge resistor, R, is given below:
R = (0.7V) / (C
B • (V S / 2) / 0.1s)
Note that this is only a linearized approximation based on a
discharge time of 0.1s. The circuit should be evaluated and
adjusted for each application.
As mentioned earlier in the Application Circuit with Mute
section, when using an external circuit to pull down the bias
line, the rate of discharge will have an effect on the turn-off
induced distortions. Please refer to the Application Circuit
with Mute section for more information.
THERMAL CONSIDERATIONS
Heat Sinking
Proper heatsinking is necessary to ensure that the amplifier
will function correctly under all operating conditions. A heat-
sink that is too small will cause the die to heat excessively
and will result in a degraded output signal as the internal
thermal protection circuitry begins to operate.
The choice of a heatsink for a given application is dictated by
several factors: the maximum power the IC needs to dissi-
pate, the worst-case ambient temperature of the circuit, the
junction-to-case thermal resistance, and the maximum junc-
tion temperature of the IC. The heat flow approximation
equation used in determining the correct heatsink maximum
thermal resistance is given below:
T
J–TA =P DMAX • (
θ
JC +
θ
CS +
θ
SA)
where:
P
DMAX = maximum power dissipation of the IC
T
J(˚C) = junction temperature of the IC
T
A(˚C) = ambient temperature
θ
JC(˚C/W) = junction-to-case thermal resistance of the IC
θ
CS(˚C/W) = case-to-heatsink thermal resistance (typically
0.2 to 0.5 ˚C/W)
θ
SA(˚C/W) = thermal resistance of heatsink
When determining the proper heatsink, the above equation
should be re-written as:
θ
SA
≤ [(T
J −TA)/PDMAX]−
θ
JC −
θ
CS
TO-263 Heatsinking
Surface mount applications will be limited by the thermal
dissipation properties of printed circuit board area. The TO-
263 package is not recommended for surface mount appli-
cations with V
S > 16V due to limited printed circuit board
area. There are TO-263 package enhancements, such as
clip-on heatsinks and heatsinks with adhesives, that can be
used to improve performance.
Standard FR-4 single-sided copper clad will have an ap-
proximate Thermal resistance (
θ
SA) ranging from:
1.5 x 1.5 in. sq.
20–27˚C/W
(T
A=28˚C, Sine wave
testing, 1 oz. Copper)
2 x 2 in. sq.
16–23˚C/W
The above values for
θ
SA vary widely due to dimensional
proportions (i.e. variations in width and length will vary
θ
SA).
For audio applications, where peak power levels are short in
duration, this part will perform satisfactory with less
heatsinking/copper clad area. As with any high power design
proper bench testing should be undertaken to assure the
design can dissipate the required power. Proper bench test-
ing requires attention to worst case ambient temperature
and air flow. At high power dissipation levels the part will
show a tendency to increase saturation voltages, thus limit-
ing the undistorted power levels.
Determining Maximum Power Dissipation
For a single-ended class AB power amplifier, the theoretical
maximum power dissipation point is a function of the supply
voltage, V
S, and the load resistance, RL and is given by the
following equation:
(single channel)
P
DMAX (W)=[VS
2 /(2 •
π2 • R
L)]
The above equation is for a single channel class-AB power
amplifier. For dual amplifiers such as the LM4752, the equa-
tion for calculating the total maximum power dissipated is:
(dual channel)
P
DMAX (W)=2 • [V S
2 /(2 •
π2 • R
L)]
or
V
S
2 /(
π 2 • R
L)
(Bridged Outputs)
P
DMAX (W) = 4[VS
2 /(2
π2 • R
L)]
Heatsink Design Example
Determine the system parameters:
V
S = 24V
Operating Supply Voltage
R
L =4
Ω
Minimum load impedance
T
A = 55˚C
Worst case ambient temperature
10003932
FIGURE 7. External Undervoltage Pull-Down
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com