Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4766 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4766
Description  Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4766 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4766 Datasheet HTML 1Page - National Semiconductor (TI) LM4766 Datasheet HTML 2Page - National Semiconductor (TI) LM4766 Datasheet HTML 3Page - National Semiconductor (TI) LM4766 Datasheet HTML 4Page - National Semiconductor (TI) LM4766 Datasheet HTML 5Page - National Semiconductor (TI) LM4766 Datasheet HTML 6Page - National Semiconductor (TI) LM4766 Datasheet HTML 7Page - National Semiconductor (TI) LM4766 Datasheet HTML 8Page - National Semiconductor (TI) LM4766 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM4766 Overture™
Audio Power Amplifier Series Dual 40W Audio Power
Amplifier with Mute
General Description
The LM4766 is a stereo audio amplifier capable of delivering
typically 40W per channel with the non-isolated "T" package
and 30W per channel with the isolated "TF" package of
continuous average output power into an 8
Ω load with less
than 0.1% (THD+N).
The performance of the LM4766, utilizing its Self Peak In-
stantaneous Temperature (˚Ke) (SPiKe™) Protection Cir-
cuitry, places it in a class above discrete and hybrid amplifi-
ers by providing an inherently, dynamically protected Safe
Operating Area (SOA). SPiKe Protection means that these
parts are safeguarded at the output against overvoltage,
undervoltage, overloads, including thermal runaway and in-
stantaneous temperature peaks.
Each amplifier within the LM4766 has an independent
smooth transition fade-in/out mute that minimizes output
pops. The IC’s extremely low noise floor at 2µV and its
extremely low THD+N value of 0.06% at the rated power
make the LM4766 optimum for high-end stereo TVs or mini-
component systems.
Key Specifications
j THD+N at 1kHz at 2 x 30W continuous
average output power into 8
Ω
0.1% (max)
j THD+N at 1kHz at continuous average
output power of 2 x 30W into 8
Ω
0.009% (typ)
Features
n
SPiKe Protection
n
Minimal amount of external components necessary
n
Quiet fade-in/out mute mode
n
Non-Isolated 15-lead TO-220 package
n
Wide Supply Range 20V - 78V
Applications
n
High-end stereo TVs
n
Component stereo
n
Compact stereo
Connection Diagram
Plastic Package
10092802
Top View
Non-Isolated TO-220 Package
Order Number LM4766T
See NS Package Number TA15A
Isolated TO-220 Package
Order Number LM4766TF
See NS Package Number TF15B
SPiKe™ Protection and Overture™ are trademarks of National Semiconductor Corporation.
March 2006
© 2006 National Semiconductor Corporation
DS100928
www.national.com


Similar Part No. - LM4766

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4766 TI-LM4766 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 TI2-LM4766 Datasheet
921Kb / 22P
LM4766 Overture™ Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
REVISED MARCH 2013
logo
National Semiconductor ...
LM4766T NSC-LM4766T Datasheet
477Kb / 14P
Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4766T/NOPB TI-LM4766T/NOPB Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results

Similar Description - LM4766

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com