Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4859 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4859
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4859 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4859 Datasheet HTML 1Page - National Semiconductor (TI) LM4859 Datasheet HTML 2Page - National Semiconductor (TI) LM4859 Datasheet HTML 3Page - National Semiconductor (TI) LM4859 Datasheet HTML 4Page - National Semiconductor (TI) LM4859 Datasheet HTML 5Page - National Semiconductor (TI) LM4859 Datasheet HTML 6Page - National Semiconductor (TI) LM4859 Datasheet HTML 7Page - National Semiconductor (TI) LM4859 Datasheet HTML 8Page - National Semiconductor (TI) LM4859 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Pin Connections (SP)
Pin
Name
Pin Description
1
RHP
Right Headphone Output
2V
DD
Power Supply
3
NC
No Connect
4
GND
Ground
5
NC
No Connect
6
NC
No Connect
7
LHP
Left Headphone Output
8
RIN
Right Stereo Input
9
LIN
Left Stereo Input
10
MIN
Mono Input
11
LLS3D
Left Loudspeaker 3D
12
RLS3D
Right Loudspeaker 3D
13
BYPASS
Half-supply bypass
14
V
DD
Power Supply
15
LLS+
Left Loudspeaker Positive Output
16
GND
Ground
17
LLS-
Left Loudspeaker Negative Output
18
V
DD
Power Supply
19
RLS-
Right Loudspeaker Negative Output
20
GND
Ground
21
RLS+
Right Loudspeaker Positive Output
22
V
DD
Power Supply
23
I
2CV
DD
I
2C Interface Power Supply
24
SDA
Data
25
ADR
I
2C Address Select
26
SCL
Clock
27
RHP3D
Right Headphone 3D
28
LHP3D
Left Headphone 3D
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com