Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4860 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4860
Description  Series 1W Audio Power Amplifier with Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4860 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4860 Datasheet HTML 1Page - National Semiconductor (TI) LM4860 Datasheet HTML 2Page - National Semiconductor (TI) LM4860 Datasheet HTML 3Page - National Semiconductor (TI) LM4860 Datasheet HTML 4Page - National Semiconductor (TI) LM4860 Datasheet HTML 5Page - National Semiconductor (TI) LM4860 Datasheet HTML 6Page - National Semiconductor (TI) LM4860 Datasheet HTML 7Page - National Semiconductor (TI) LM4860 Datasheet HTML 8Page - National Semiconductor (TI) LM4860 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +
0.3V
Power Dissipation
Internally limited
ESD Susceptibility (Note 4)
3000V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on Product
Reliability” for other methods of soldering surface mount
devices.
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−20˚C
≤ T
A
≤
+85˚C
Supply Voltage
2.7V
≤ V
DD
≤ 5.5V
Electrical Characteristics
(Notes 1, 2) The following specifications apply for V
DD = 5V, RL =8
Ω unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4860
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage
2.7
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
O = 0V, IO = 0A (Note 8)
7.0
15.0
mA (max)
I
SD
Shutdown Current
V
pin2 =VDD (Note 9)
0.6
µA
V
OS
Output Offset Voltage
V
IN = 0V
5.0
50.0
mV (max)
P
O
Output Power
THD+N = 1% (max);f=1kHz
1.15
1.0
W (min)
THD+N
Total Harmonic Distortion + Noise
P
O = 1 Wrms; 20 Hz
≤ f ≤ 20 kHz
0.72
%
PSRR
Power Supply Rejection Ratio
V
DD = 4.9V to 5.1V
65
dB
V
od
Output Dropout Voltage
V
IN =0Vto5V, Vod =(Vo1 −Vo2)
0.6
1.0
V (max)
V
IH
HP-IN High Input Voltage
HP-SENSE = 0V to 4V
2.5
V
V
IL
HP-IN Low Input Voltage
HP-SENSE = 4V to 0V
2.5
V
V
OH
HP-SENSE High Output Voltage
I
O = 500 µA
2.8
2.5
V (min)
V
OL
HP-SENSE Low Output Voltage
I
O = −500 µA
0.2
0.8
V (max)
Note 1: All voltages are measured with respect to the ground pins, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4860, TJMAX =
+150˚C, and the typical junction-to-ambient thermal resistance, when board mounted, is 100˚C/W.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 200 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Note 9: Shutdown current has a wide distribution. For Power Management sensitive designs, contact your local National Semiconductor Sales Office.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com