Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5198 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5198
Description  Silicon NPN Triple Diffused Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5198 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5198 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5198 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5198 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5198 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5198
2013-11-01
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5198
Power Amplifier Applications
• High breakdown voltage: VCEO = 140 V (min)
• Complementary to 2SA1941
• Suitable for use in 70-W high fidelity audio amplifier’s output stage
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
140
V
Collector-emitter voltage
VCEO
140
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
10
A
Base current
IB
1
A
Collector power dissipation
(Tc = 25°C)
PC
100
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-16C1A
Weight: 4.7 g (typ.)
Start of commercial production
1994-06


Similar Part No. - 2SC5198

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5198 TOSHIBA-2SC5198 Datasheet
147Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5198 TOSHIBA-2SC5198 Datasheet
122Kb / 4P
Silicon NPN Triple Diffused Type Power Amplifier Applications
logo
Savantic, Inc.
2SC5198 SAVANTIC-2SC5198 Datasheet
169Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5198 ISC-2SC5198 Datasheet
303Kb / 3P
isc Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SC5198 TOSHIBA-2SC5198 Datasheet
155Kb / 4P
Power Amplifier Applications
More results

Similar Description - 2SC5198

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1408 TOSHIBA-2SD1408 Datasheet
105Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE
2SC2793 TOSHIBA-2SC2793 Datasheet
211Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE
2SD641 TOSHIBA-2SD641 Datasheet
92Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE
2SC5368 TOSHIBA-2SC5368_06 Datasheet
133Kb / 4P
Silicon NPN Triple Diffused Type
2SC5459 TOSHIBA-2SC5459_07 Datasheet
141Kb / 4P
Silicon NPN Triple Diffused Type
2SC6034 TOSHIBA-2SC6034 Datasheet
180Kb / 5P
Silicon NPN Triple Diffused Type
logo
Guangdong Kexin Industr...
2SC3138 KEXIN-2SC3138 Datasheet
37Kb / 1P
Silicon NPN Triple Diffused Type
logo
KEC(Korea Electronics)
BF420 KEC-BF420 Datasheet
52Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE
BF422 KEC-BF422 Datasheet
52Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2N3055 TOSHIBA-2N3055 Datasheet
186Kb / 2P
silicon NPN triple diffused type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com