Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4867 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867
Description  Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4867 Datasheet HTML 1Page - National Semiconductor (TI) LM4867 Datasheet HTML 2Page - National Semiconductor (TI) LM4867 Datasheet HTML 3Page - National Semiconductor (TI) LM4867 Datasheet HTML 4Page - National Semiconductor (TI) LM4867 Datasheet HTML 5Page - National Semiconductor (TI) LM4867 Datasheet HTML 6Page - National Semiconductor (TI) LM4867 Datasheet HTML 7Page - National Semiconductor (TI) LM4867 Datasheet HTML 8Page - National Semiconductor (TI) LM4867 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM4867
Output-Transient-Free Dual 2.1W Audio Amplifier Plus
No Coupling Capacitor Stereo Headphone Function
General Description
The LM4867 is a dual bridge-connected audio power ampli-
fier which, when connected to a 5V supply, will deliver 2.1W
toa4
Ω load (Note 1) or 2.4W to a 3Ω load (Note 2) with less
than 1.0% THD+N. The LM4867 uses advanced, latest gen-
eration circuitry to eliminate all traces of clicks and pops
when the supply voltage is first applied. The amplifier has a
headphone-amplifier-select input pin. It is used to switch the
amplifiers from bridge to single-ended mode for driving
headphones. A new circuit topology eliminates headphone
output coupling capacitors (patent pending). A MUX control
pin allows selection between the two sets of stereo input
signals. The MUX control can also be used to select be-
tween two different customer-specified closed-loop re-
sponses.
Boomer audio power amplifiers are designed specifically to
provide high quality output power from a surface mount
package and require few external components. To simplify
audio system design, the LM4867 combines dual bridge
speaker amplifiers and stereo headphone amplifiers in one
package.
The LM4867 features an externally controlled power-saving
micropower shutdown mode, a stereo headphone amplifier
mode, and thermal shutdown protection.
Note 1: An LM4867LQ or LM4867MTE that has been properly mounted to
a circuit board will deliver 2.1W into 4
Ω. The Mux control can also be used to
select two different closed-loop responses. LM4867MT will deliver 1.1W into
8
Ω. See the Application Information sections for further information concern-
ing the LM4867LQ and the LM4867MT.
Note 2: An LM4867LQ or LM4867MTE that has been properly mounted to a
circuit board and forced-air cooled will deliver 2.4W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
n
LM4867LQ, 3
Ω load
2.4W (typ)
n
LM4867LQ, 4
Ω load
2.1W (typ)
n
LM4867MTE, 4
Ω
1.9W (typ)
n
LM4867MT, 8
Ω
1.1W (typ)
n
Single-ended mode - THD+N at 75mW into 32
Ω
0.5%
(max)
n
Shutdown current
0.7µA (typ)
Features
n
Advanced “click and pop” suppression circuitry
n
Eliminates headphone amplifier output coupling
capacitors (patent pending)
n
Stereo headphone amplifier mode
n
Input mux control and two separate inputs per channel
n
Thermal shutdown protection circuitry
n
LLP, TSSOP, and exposed-DAP TSSOP packaging
available
Applications
n
Multimedia monitors
n
Portable and desktop computers
n
Portable audio systems
Connection Diagrams
20001358
Top View
Order Number LM4867MT, LM4867MTE
See NS Package Number MTC20 for TSSOP
See NS Package Number MXA20A for Exposed-DAP TSSOP
Boomer® is a registered trademark of National Semiconductor Corporation.
August 2002
© 2004 National Semiconductor Corporation
DS200013
www.national.com


Similar Part No. - LM4867

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
763Kb / 26P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4867LQ NSC-LM4867LQ Datasheet
763Kb / 26P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4867MT NSC-LM4867MT Datasheet
763Kb / 26P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4867MTE NSC-LM4867MTE Datasheet
763Kb / 26P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
More results

Similar Description - LM4867

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
763Kb / 26P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4868 NSC-LM4868 Datasheet
792Kb / 28P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
logo
Global Mixed-mode Techn...
G1421 GMT-G1421 Datasheet
431Kb / 24P
2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com