Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4876 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4876
Description  1.1W Audio Power Amplifier with Logic Low Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4876 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4876 Datasheet HTML 4Page - National Semiconductor (TI) LM4876 Datasheet HTML 5Page - National Semiconductor (TI) LM4876 Datasheet HTML 6Page - National Semiconductor (TI) LM4876 Datasheet HTML 7Page - National Semiconductor (TI) LM4876 Datasheet HTML 8Page - National Semiconductor (TI) LM4876 Datasheet HTML 9Page - National Semiconductor (TI) LM4876 Datasheet HTML 10Page - National Semiconductor (TI) LM4876 Datasheet HTML 11Page - National Semiconductor (TI) LM4876 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Information (Continued)
mance can be compromised. The selection of bypass ca-
pacitor values, especially C
B, depends on desired PSRR
requirements, click and pop performance (as explained in
the section, Proper Selection of External Components),
system cost, and size constraints.
MICRO-POWER SHUTDOWN
The voltage applied to the SHUTDOWN pin controls the
LM4876’s shutdown function. Activate micro-power shut-
down by applying a voltage below 400mV to the SHUT-
DOWN pin. When active, the LM4876’s micro-power shut-
down feature turns off the amplifier’s bias circuitry, reducing
the supply current. Though the LM4876 is in shutdown when
400mV is applied to the SHUTDOWN pin, the supply current
may be higher than 0.01µA (typ) shutdown current. There-
fore, for the lowest supply current during shutdown, connect
the SHUTDOWN pin to ground. The relationship between
the supply voltage, the shutdown current, and the voltage
applied to the SHUTDOWN pin is shown in Typical Perfor-
mance Characteristics curves.
There are a few ways to control the micro-power shutdown.
These include using a single-pole, single-throw switch, a
microprocessor, or a microcontroller. When using a switch,
connect an external pull-down resistor between the SHUT-
DOWN pin and GND. Connect the switch between the
SHUTDOWN pin and V
CC. Select normal amplifier operation
by closing the switch. Opening the switch connects the
SHUTDOWN pin to GND through the pull-down resistor,
activating micro-power shutdown. The switch and resistor
guarantee that the SHUTDOWN pin will not float. This pre-
vents unwanted state changes. In a system with a micropro-
cessor or a microcontroller, use a digital output to apply the
control voltage to the SHUTDOWN pin. Driving the SHUT-
DOWN pin with active circuitry eliminates the pull down
resistor.
SELECTING POWER EXTERNAL COMPONENTS
Optimizing the LM4876’s performance requires properly se-
lecting external components. Though the LM4876 operates
well when using external components with wide tolerances,
best performance is achieved by optimizing component val-
ues.
The LM4876 is unity-gain stable, giving a designer maximum
design flexibility. The gain should be set to no more than a
given application requires. This allows the amplifier to
achieve minimum THD+N and maximum signal-to-noise ra-
tio. These parameters are compromised as the closed-loop
gain increases. However, low gain demands input signals
with greater voltage swings to achieve maximum output
power. Fortunately, many signal sources such as audio CO-
DECs have outputs of 1V
RMS (2.83VP-P). Please refer to the
Audio Power Amplifier Design section for more informa-
tion on selecting the proper gain.
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value
input coupling capacitor (C
i in Figure 1). A high value capaci-
tor can be expensive and may compromise space efficiency
in portable designs. In many cases, however, the speakers
used in portable systems, whether internal or external, have
little ability to reproduce signals below 150 Hz. Applications
using speakers with this limited low frequency response reap
little improvement by using a large input capacitor.
Besides affecting system cost and size, C
i also affects the
LM4876’s click and pop performance. When the supply volt-
age is first applied, a transient (pop) is created as the charge
on the input capacitor changes from zero to a quiescent
state. The magnitude of the pop is directly proportional to the
input capacitor’s size. Higher value capacitors need more
time to reach a quiescent DC voltage (usually V
CC/2) when
charged with a fixed current. The amplifier’s output charges
the input capacitor through the feedback resistor, R
f. Thus,
pops can be minimized by selecting an input capacitor value
that is no higher than necessary to meet the desired -3dB
frequency.
As shown in Figure 1, the input resistor (R
I) and the input
capacitor, C
I produce a -3dB high pass filter cutoff frequency
that is found using Equation (7).
f
-3dB =2
πR
INCI
(7)
As an example when using a speaker with a low frequency
limit of 150Hz, Equation (7) gives a value of C
i equal to
0.1µF. The 0.22µF C
i shown in Figure 1 allows for a speaker
whose response extends down to 75Hz.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of, C
B, the capacitor con-
nected to the BYPASS pin. Since C
B determines how fast
the LM4876 settles to quiescent operation, its value is critical
when minimizing turn-on pops. The slower the LM4876’s
outputs ramp to their quiescent DC voltage (nominally 1/2
V
DD), the smaller the turn-on pop. Choosing CB equal to
1.0µF along with a small value of C
i (in the range of 0.1µF to
0.39µF), produces a click-less and pop-less shutdown func-
tion. As discussed above, choosing C
i as small as possible
helps minimize clicks and pops.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com