Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF460AV Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUF460AV
Description  NPN Transistor Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUF460AV Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUF460AV Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUF460AV Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUF460AV Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISB3096
eq BUF460AV
NPN Transistor Power Module
www.iscsemi.com
1
DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 450V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat)= 0.35V(Typ) @IC= 30A
APPLICATIONS
· Welding Equipment
· Motor Control
· SMPS
· UPS
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEV
Collector-Emitter Voltage
(VBE = -5 V)
1000
V
VCEO
Collector-Emitter Voltage
450
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
80
A
ICM
Collector Peak Current (tp = 10 ms)
160
A
IB
Base Current-Continuous
18
A
IBM
Base Peak Current (tp = 10 ms)
27
A
PC
Total Dissipation @TC= 25℃
270
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
VISO
Insulation Withstand Voltage (AC-RMS)
2500
V
SOT-227 package
3
4
2
1


Similar Part No. - BUF460AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUF460AV STMICROELECTRONICS-BUF460AV Datasheet
103Kb / 7P
NPN TRANSISTOR POWER MODULE
Jul-1997
BUF460AV STMICROELECTRONICS-BUF460AV Datasheet
368Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
BUF460AV STMICROELECTRONICS-BUF460AV_03 Datasheet
368Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
More results

Similar Description - BUF460AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUT232V STMICROELECTRONICS-BUT232V Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUT32V STMICROELECTRONICS-BUT32V Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUV298AV STMICROELECTRONICS-BUV298AV Datasheet
103Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUV298V STMICROELECTRONICS-BUV298V Datasheet
103Kb / 7P
NPN TRANSISTOR POWER MODULE
Jun-1997
BUV98AV STMICROELECTRONICS-BUV98AV Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUV98V STMICROELECTRONICS-BUV98V Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUF460AV STMICROELECTRONICS-BUF460AV_03 Datasheet
368Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
BUT232V STMICROELECTRONICS-BUT232V_03 Datasheet
348Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
BUV98AV STMICROELECTRONICS-BUV98AV_03 Datasheet
358Kb / 7P
NPN TRANSISTOR POWER MODULE
Mar-2003
BUV298V STMICROELECTRONICS-BUV298V_06 Datasheet
337Kb / 12P
NPN transistor power module
27-Nov-2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com