Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2135 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2135
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135 Datasheet(HTML) 4 Page - Analog Devices

  SSM2135 Datasheet HTML 1Page - Analog Devices SSM2135 Datasheet HTML 2Page - Analog Devices SSM2135 Datasheet HTML 3Page - Analog Devices SSM2135 Datasheet HTML 4Page - Analog Devices SSM2135 Datasheet HTML 5Page - Analog Devices SSM2135 Datasheet HTML 6Page - Analog Devices SSM2135 Datasheet HTML 7Page - Analog Devices SSM2135 Datasheet HTML 8Page - Analog Devices SSM2135 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. E
–4–
SSM2135–Typical Performance Characteristics
5V
RL
2.5Vdc
500 F
Test Circuit 1. Test Circuit for TPCs 1, 2, and 3
1
0.0005
50m
5
0.010
1
0.1
0.1
0.001
RL = 10k
RL = 32
AUDIO PRECISION
THD+N(%) VS. AMPL(V p-p)
TPC 1. THD+N vs. Amplitude (See Test Circuit 1; AV = +1,
VS = 5 V, f = 1 kHz, with 80 kHz Low-Pass Filter)
1
0.0005
20
20k
0.010
1k
100
0.1
0.001
10k
RL = 10k
RL = 32
AUDIO PRECISION
THD+N(%) VS. FREQ(Hz)
TPC 2. THD+N vs. Frequency (See Test Circuit 1;
AV = +1, VIN = 1 V p-p, with 80 kHz Low-Pass Filter)
LOAD RESISTANCE –
10
10
10k
1
1k
100
0.1
0.01
0.001
VS = 5V
AV = +1, F = 1kHz
VIN = 1V p-p
RL = 10k
WITH 80kHz FILTER
TPC 3. THD+N vs. Load (See Test Circuit)
GAIN – dB
1
0.1
0.001
060
10
20
30
40
50
0.01
VS = 5V
RL = 100k
VOUT = 2.5V p-p
f = 1kHz
WITH 80kHz FILTER
NONINVERTING
INVERTING
TPC 4. THD+N vs. Gain
SUPPLY VOLTAGE – V
1
0.1
0.001
30
5
10
15
20
25
0.01
VS = 5V
AV = +1, f = 1kHz
VIN = 1V p-p
RL = 10k
WITH 80kHz FILTER
TPC 5. THD+N vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com