Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP400GPZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP400GPZ
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400GPZ Datasheet(HTML) 4 Page - Analog Devices

  OP400GPZ Datasheet HTML 1Page - Analog Devices OP400GPZ Datasheet HTML 2Page - Analog Devices OP400GPZ Datasheet HTML 3Page - Analog Devices OP400GPZ Datasheet HTML 4Page - Analog Devices OP400GPZ Datasheet HTML 5Page - Analog Devices OP400GPZ Datasheet HTML 6Page - Analog Devices OP400GPZ Datasheet HTML 7Page - Analog Devices OP400GPZ Datasheet HTML 8Page - Analog Devices OP400GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP400
Rev. E | Page 4 of 16
@ VS = ±15 V, −55°C ≤ TA ≤ +125°C for OP400A, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
70
270
μV
Average Input Offset Voltage Drift
TCVOS
0.3
1.2
μV/°C
Input Offset Current
IOS
VCM = 0 V
0.1
2.5
nA
Input Bias Current
IB
VCM = 0 V
1.3
5.0
nA
Large Signal Voltage Gain
AVO
VO = ±10 V, RL = 10 kΩ
3000
9000
V/mV
RL = 2 kΩ
1000
2300
Input Voltage Range1
IVR
±12
±12.5
V
Common-Mode Rejection
CMR
VCM = ±12 V
115
130
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 10 kΩ
±12
±12.4
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VO = 3 V to 18 V
0.2
3.2
μV/V
Supply Current per Amplifier
ISY
No load
600
775
μA
DYNAMIC PERFORMANCE
Capacitive Load Stability
AV = 1, no oscillations
8
nF
1 Guaranteed by CMR test.
@ VS = ±15 V, −25°C ≤ TA ≤ +85°C for OP400E/F, 0°C ≤ TA ≤ 70°C for OP400G, −40°C ≤ TA ≤ +85°C for OP400H, unless otherwise noted.
Table 3.
OP400E
OP400F
OP400G/H
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
60
220
80
350
110
400
μV
Average Input Offset
Voltage Drift
TCVOS
0.3
1.2
0.3
2.0
0.6
2.5
μV/°C
Input Offset Current
IOS
VCM = 0 V
E, F, G grades
0.1
2.5
0.1
3.5
0.2
6.0
nA
H grade
0.2
12.0
nA
Input Bias Current
IB
VCM = 0 V
E, F, G grades
0.9
5.0
0.9
10.0
1.0
12.0
nA
H grade
1.0
20.0
nA
Large-Signal Voltage Gain
AVO
VCM = 0 V
RL = 10 kΩ
3000
10,000
2000
5000
2000
5000
V/mV
RL = 2 kΩ
1500
2700
1000
2000
1000
2000
V/mV
Input Voltage Range1
IVR
±12
±12.5
±12
±12.5
±12
±12.5
V
Common-Mode Rejection
CMR
VCM = ±12 V
115
135
110
135
105
130
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 10 kΩ
±12
±12.4
±12
±12.4
±12
±12.6
V
RL = 2 kΩ
±11
±12
±11
±12
±11
±12.2
V
POWER SUPPLY
Power Supply Rejection
Ratio
PSRR
VS = ±3 V to
±18 V
0.15
3.2
0.15
5.6
0.3
10.0
μV/V
Supply Current per
Amplifier
ISY
No load
600
775
600
775
600
775
μA
DYNAMIC PERFORMANCE
Capacitive Load Stability
No oscillations
10
10
10
nF
1 Guaranteed by CMR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com