Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP492GP Datasheet(PDF) 8 Page - Analog Devices

Part # OP492GP
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP492GP Datasheet(HTML) 8 Page - Analog Devices

Back Button OP492GP Datasheet HTML 4Page - Analog Devices OP492GP Datasheet HTML 5Page - Analog Devices OP492GP Datasheet HTML 6Page - Analog Devices OP492GP Datasheet HTML 7Page - Analog Devices OP492GP Datasheet HTML 8Page - Analog Devices OP492GP Datasheet HTML 9Page - Analog Devices OP492GP Datasheet HTML 10Page - Analog Devices OP492GP Datasheet HTML 11Page - Analog Devices OP492GP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. B
OP292/OP492
–8–
50
20
10
10
0
30
40
10k
10M
1M
100k
1k
FREQUENCY – Hz
TA = 25 C
V
= 5V
V
= 0V
TPC 19. OP292/OP492 Closed-Loop Gain/Phase vs.
Frequency @ 5 V
120
60
0
1k
1M
100k
10k
100
40
20
80
100
FREQUENCY
Hz
TA = 25 C
V
= 5V
V
= 0V
TPC 20. OP292/OP492 CMR vs. Frequency @ 5 V
1k
1M
100k
10k
100
FREQUENCY – Hz
120
60
0
40
20
80
100
TA = 25 C
VS = 5V
TPC 21. OP292/OP492 PSR vs. Frequency @ 5 V
50
20
10
10k
10M
1M
100k
1k
FREQUENCY – Hz
10
0
30
40
TA = 25 C
VS = 15V
TPC 22. OP292/OP492 Closed-Loop Gain/Phase vs.
Frequency @
±15 V
120
60
0
40
20
80
100
1k
1M
100k
10k
100
FREQUENCY
Hz
TA = 25 C
VS = 15V
TPC 23. OP292/OP492 CMR vs. Frequency @
±15 V
120
60
0
1k
1M
100k
10k
100
40
20
80
100
FREQUENCY – Hz
TA = 25 C
VS = 15V
PSRR
PSRR
TPC 24. OP292/OP492 PSR vs. Frequency @
±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com