Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD7N80K5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD7N80K5
Description  15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7N80K5 Datasheet(HTML) 2 Page - STMicroelectronics

  STD7N80K5 Datasheet HTML 1Page - STMicroelectronics STD7N80K5 Datasheet HTML 2Page - STMicroelectronics STD7N80K5 Datasheet HTML 3Page - STMicroelectronics STD7N80K5 Datasheet HTML 4Page - STMicroelectronics STD7N80K5 Datasheet HTML 5Page - STMicroelectronics STD7N80K5 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
Schematic diagram
Figure 1. STEVAL-ISA193V2 board schematic
AC IN
AC IN
5V-3A
GND
2.5V
FB
SENSE
VDD
+
-
CURRENT
CONTROL
GND
ZCD
HV
GD
IC1
S TCH02
R7
0.47
R9
1k
R12
43k
R10
12k
R14
56k
C11
2.2nF
R11
130k
R13
82k
R15
3.3
L1
470uH
C12
100pF
R8
10
C1
12uF
C8
560uF
C2
12uF
D3
FERD20U60DJ F
R1
220k
R3
3
R5
24k
R4
100k
C3
1nF
F1
2A
Q1
STD7N80K5
D2
BAT41ZFILM
20
NTC
OPTO1
SFH610A-2
BR
C9
1uF
D1
MRA4007T3G
C4
22uF
C5
2.2nF
7508111123 re v. 6A
TF
C10
10nF
C7
560uF
R2
220
C6
33nF
IC2
TS432
OPTO
SFH610A-2
R6
30k
Figure 2. Output characteristic at 115 VAC
STEVAL-ISA193V2
DB3752 - Rev 1
page 2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com