Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP400HSZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP400HSZ
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400HSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP400HSZ Datasheet HTML 3Page - Analog Devices OP400HSZ Datasheet HTML 4Page - Analog Devices OP400HSZ Datasheet HTML 5Page - Analog Devices OP400HSZ Datasheet HTML 6Page - Analog Devices OP400HSZ Datasheet HTML 7Page - Analog Devices OP400HSZ Datasheet HTML 8Page - Analog Devices OP400HSZ Datasheet HTML 9Page - Analog Devices OP400HSZ Datasheet HTML 10Page - Analog Devices OP400HSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP400
Rev. E | Page 7 of 16
100
10
11k
2.5
2.1
2.2
2.3
2.4
±2
±6
±10
±14
±18
±4
±8
±12
±16
±20
SUPPLY VOLTAGE (V)
100
10
FREQUENCY (Hz)
FOUR AMPLIFIERS
TA = 25°C
Figure 10. Noise Voltage Density vs. Frequency
1k
0
200
400
600
800
11k
100
10
FREQUENCY (Hz)
TA =25°C
VS = ±15V
46
8
2
TIME (Seconds)
Figure 11. Current Noise Density vs. Frequency
010
Figure 12. 0.1 Hz to 10 Hz Noise
Figure 13. Total Supply Current vs. Supply Voltage
2.5
2.1
2.2
2.3
2.4
–75
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
FOUR AMPLIFIERS
VS = ±15V
Figure 14. Total Supply Current vs. Temperature
140
0
20
40
60
80
100
120
0.1
100k
10k
1k
100
10
1
FREQUENCY (Hz)
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
Figure 15. Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com