Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4987 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4987
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4987 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4987 Datasheet HTML 3Page - STMicroelectronics L4987 Datasheet HTML 4Page - STMicroelectronics L4987 Datasheet HTML 5Page - STMicroelectronics L4987 Datasheet HTML 6Page - STMicroelectronics L4987 Datasheet HTML 7Page - STMicroelectronics L4987 Datasheet HTML 8Page - STMicroelectronics L4987 Datasheet HTML 9Page - STMicroelectronics L4987 Datasheet HTML 10Page - STMicroelectronics L4987 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
APPLICATION HINT OF L4987CPT30
How to use the control flag
The flag produces a logic ”low” whenever the
output fall out out of regulation. An ”out of
regulation condition can result from:
1) Low Input Voltage (VIN
≤ VOUT +VDROP)
2) Curent Limiting
3) Thermal Limiting
Figure 1 to 2 show the typical behaviour of the
output voltage and the control flag versus the
input voltage and the temperatre. No hysteresis is
implemented; so the response of VOUT and VFLAG
are the same either when the VIN ramps up or
down.
The control flag is an open collector which
requires an external pull-up resistor. This may be
connected to the regulator output (Figure 3) or
some other supply voltage (Figure 4).
Using the regulator output prevents an invalid
”high” on the flag which occurs if it is pulled up to
an external voltage while the regulator input
voltage is reduced below about 2V (Figue 5).
Concerning the pull-up resistor its value must be
properly chosen as suggested below. When ”low”
as it is possible to see in figure 6 the control flag
voltage is:
VFLAG(LOW) =VCE = 0.5 = VSUPPLY -RPULL xIFL
VSUPPLY is chosen by design and, thus is known,
while IFL must be at maximum 10mA. Then
0.5V
≥ VSUPPLY -RPULL x 10mA
The minimum value of RPULL, is, so, determined
by the following equation:
RPULL(min)
≥ VSUPPLY -
0.5
10
mA
Regarding the maximum value of RPULL note that
its value depends of the type of logic used
(CMOS, TTL etc.), the transistor leackage current
and the presence or not of a load on VFLAG.
The following example shows how to determine
the RPULL max in the case of CMOS logic, no
load and 10
µA (for L4978 it is the maximum value
of IFH) of control flag leakage current.
Becaause of CMOS logic:
VFLAG(HIGH)
2
3
VSUPPLY
But:
VFLAG(HIGH) =VSUPPLY -RPULL xIFH
2
3
VSUPPLY
so, the maximum value is determined by the
following equation:
RPULL(MAX)
1
3
VSUPPLY
10
A
Figure 1: Output and Flag Voltage vs Input
Figure 2: Flag Voltage vs Input
L4987 SERIES
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com