Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297GSZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP297GSZ
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297GSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP297GSZ Datasheet HTML 2Page - Analog Devices OP297GSZ Datasheet HTML 3Page - Analog Devices OP297GSZ Datasheet HTML 4Page - Analog Devices OP297GSZ Datasheet HTML 5Page - Analog Devices OP297GSZ Datasheet HTML 6Page - Analog Devices OP297GSZ Datasheet HTML 7Page - Analog Devices OP297GSZ Datasheet HTML 8Page - Analog Devices OP297GSZ Datasheet HTML 9Page - Analog Devices OP297GSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP297
Rev. F | Page 6 of 16
100
1000
100
1k
10k
100k
1M
10000
10
10
10M
SOURCE RESISTANCE (Ω)
BALANCED OR UNBALANCED
VS = ±15V
VCM = 0V
–55°C ≤ TA ≤ +125°C
TA = +25°C
SUPPLY VOLTAGE (V)
1300
800
0
±20
±5
±10
±15
1200
1100
1000
900
NO LOAD
TA = –55°C
TA = +25°C
TA = +125°C
Figure 14. Total Supply Current vs. Supply Voltage
Figure 11. Effective Offset Voltage vs. Source Resistance
1
10
1k
10k
100k
1M
10M
100
0.1
100
100M
SOURCE RESISTANCE (Ω)
BALANCED OR UNBALANCED
VS = ±15V
VCM = 0V
160
40
140
120
100
80
60
TA = 25°C
VS = ±15V
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 15. Common-Mode Rejection Frequency
Figure 12. Effective TCV vs. Source Resistance
OS
160
40
140
120
100
80
60
TA = 25°C
VS = ±15V
ΔVS = 10V p-p
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
0.1
TIME FROM OUTPUT SHORT (Minutes)
35
–35
20
5
25
30
15
10
0
–30
–25
–20
–15
–10
–5
0
123
4
TA = –55°C
TA = +25°C
TA = +125°C
TA = –55°C
TA = +25°C
TA = +125°C
VS = ±15V
OUTPUT SHORTED
TO GROUND
Figure 16. Power Supply Rejection vs. Frequency
Figure 13. Short-Circuit Current vs. Time, Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com