Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP482GP Datasheet(PDF) 12 Page - Analog Devices

Part # OP482GP
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GP Datasheet(HTML) 12 Page - Analog Devices

Back Button OP482GP Datasheet HTML 8Page - Analog Devices OP482GP Datasheet HTML 9Page - Analog Devices OP482GP Datasheet HTML 10Page - Analog Devices OP482GP Datasheet HTML 11Page - Analog Devices OP482GP Datasheet HTML 12Page - Analog Devices OP482GP Datasheet HTML 13Page - Analog Devices OP482GP Datasheet HTML 14Page - Analog Devices OP482GP Datasheet HTML 15Page - Analog Devices OP482GP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP282/OP482
Rev. F | Page 12 of 16
APPLICATIONS INFORMATION
The OP282 and OP482 are dual and quad JFET op amps that
are optimized for high speed at low power. This combination
makes these amplifiers excellent choices for battery-powered or
low power applications that require above average performance.
Applications benefiting from this performance combination
include telecommunications, geophysical exploration, portable
medical equipment, and navigational instrumentation.
HIGH-SIDE SIGNAL CONDITIONING
There are many applications that require the sensing of signals
near the positive rail. OP282s and OP482s were tested and are
guaranteed over a common-mode range (−11 V ≤ VCM ≤ +15 V)
that includes the positive supply.
One application where this is commonly used is in the sensing
of power supply currents. This enables it to be used in current
sensing applications, such as the partial circuit shown in Figure 44.
In this circuit, the voltage drop across a low value resistor, such
as the 0.1 Ω shown here, is amplified and compared to 7.5 V.
The output can then be used for current limiting.
15V
100k
Ω
500k
Ω
0.1
Ω
500k
Ω
100k
Ω
RL
1/2
OP282
Figure 44. High-Side Signal Conditioning
PHASE INVERSION
Most JFET-input amplifiers invert the phase of the input signal
if either input exceeds the input common-mode range. For the
OP282/OP482, negative signals in excess of approximately 14 V
cause phase inversion. The cause of this effect is saturation of
the input stage leading to the forward-biasing of a drain-gate
diode. A simple fix for this in noninverting applications is to
place a resistor in series with the noninverting input. This limits
the amount of current through the forward-biased diode and
prevents the shutting down of the output stage. For the
OP282/OP482, a value of 200 kΩ has been found to work;
however, this adds a significant amount of noise.
–15
–10
–5
5
10
15
15
10
5
0
–5
–10
–15
VIN
0
Figure 45. OP282 Phase Reversal
ACTIVE FILTERS
The wide bandwidth and high slew rates of the OP282/OP482
make either an excellent choice for many filter applications.
There are many active filter configurations, but the four most
popular configurations are Butterworth, Elliptical, Bessel, and
Chebyshev. Each type has a response that is optimized for a
given characteristic as shown in Table 4.
Table 4.
Type
Selectivity
Overshoot
Phase
Amplitude (Pass Band)
Amplitude (Stop Band)
Butterworth
Moderate
Good
Maximum Flat
Chebyshev
Good
Moderate
Nonlinear
Equal Ripple
Elliptical
Best
Poor
Equal Ripple
Equal Ripple
Bessel (Thompson)
Poor
Best
Linear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com