Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP271 Datasheet(PDF) 4 Page - Analog Devices

Part # OP271
Description  High-Speed, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP271 Datasheet(HTML) 4 Page - Analog Devices

  OP271 Datasheet HTML 1Page - Analog Devices OP271 Datasheet HTML 2Page - Analog Devices OP271 Datasheet HTML 3Page - Analog Devices OP271 Datasheet HTML 4Page - Analog Devices OP271 Datasheet HTML 5Page - Analog Devices OP271 Datasheet HTML 6Page - Analog Devices OP271 Datasheet HTML 7Page - Analog Devices OP271 Datasheet HTML 8Page - Analog Devices OP271 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
OP271
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP271 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
(Continued from Page 1)
The OP271 offers outstanding dc and ac matching between chan-
nels. This is especially valuable for applications such as multiple
gain blocks, high-speed instrumentation and amplifiers, buffers
and active filters.
The OP271 conforms to the industry standard, 8-pin dual op amp
pinout. It is pin compatible with the TL072, TL082, LF412,
and 1458/1558 dual op amps and can be used to significantly
improve systems using these devices.
For applications requiring lower voltage noise, see the OP270.
For a quad version of the OP271, see the OP471.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . .
±1.0 V
Differential Input Current
2
. . . . . . . . . . . . . . . . . . . .
±25 mA
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short-Circuit Duration . . . . . . . . . . . . . . Continuous
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . 300
∞C
Junction Temperature (Tj) . . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range
OP271A . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
∞C to +125∞C
OP271E, OP271F, OP271G . . . . . . . . . . .
–40
∞C to +85∞C
Package Type
jA
3
jC
Unit
8-Pin Hermetic DIP (Z)
134
12
∞C/W
8-Pin Plastic DIP (P)
96
37
∞C/W
8-Pin SOIC (S)
92
27
∞C/W
NOTES
1Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2The OP271’s inputs are protected by back-to-back diodes. Current limiting
resistors are not used in order to achieve low-noise performance. If differential
voltage exceeds
±1.0 V, the input current should be limited to ±25 mA.
3
jA is specified for worst case mounting conditions, i.e.,
jA is specified for
device in socket for CERDIP and P-DIP packages; jA is specified for device
soldered to printed circuit board for SOIC package.
ORDERING GUIDE
Package
TA = 25
∞C
Operating
VOS Max
CERDIP
Temperature
(
mV)
8-Pin
Plastic
Range
200
*OP271AZ
MIL
200
*OP271EZ
XND
300
*OP271FZ
XND
400
OP271GP
XND
400
*OP271GS
XND
*Not for new design, obsolete April 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com