Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4990 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4990
Description  PRIMARY CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990 Datasheet(HTML) 1 Page - STMicroelectronics

  L4990 Datasheet HTML 1Page - STMicroelectronics L4990 Datasheet HTML 2Page - STMicroelectronics L4990 Datasheet HTML 3Page - STMicroelectronics L4990 Datasheet HTML 4Page - STMicroelectronics L4990 Datasheet HTML 5Page - STMicroelectronics L4990 Datasheet HTML 6Page - STMicroelectronics L4990 Datasheet HTML 7Page - STMicroelectronics L4990 Datasheet HTML 8Page - STMicroelectronics L4990 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
L4990
L4990A
PRIMARY CONTROLLER
CURRENT-MODE CONTROL PWM
SWITCHING FREQUENCY UP TO 1MHz
LOW START-UP CURRENT < 0.45mA
HIGH-CURRENT OUTPUT DRIVE SUITABLE
FOR POWER MOSFET (1A)
FULLY LATCHED PWM LOGIC WITH DOU-
BLE PULSE SUPPRESSION
PROGRAMMABLE DUTY CYCLE
100% AND 50% MAXIMUM DUTY CYCLE
LIMIT
PROGRAMMABLE SOFT START
PRIMARY OVERCURRENT FAULT DETEC-
TION WITH RE-START DELAY
PWM UVLO WITH HYSTERESIS
IN/OUT SYNCHRONIZATION
DISABLE LATCHED
INTERNAL 100ns LEADING EDGE BLANK-
ING OF CURRENT SENSE
PACKAGE: DIP16 AND SO16W
DESCRIPTION
This primary controller I.C., developed in BCD60II
technology, has been designed to implement off
line or DC-DC power supply applications using a
fixed frequency current mode control.
Based on a standard current mode PWM control-
ler this device includes some features as pro-
grammable soft start, IN/OUT synchronization,
disable (to be used for over voltage protection
and for power management), precise maximum
Duty Cycle Control, 100ns (typ) leading edge
blanking on current sense, pulse by pulse current
limit and overcurrent protection with soft start in-
tervention.
July 1999
®
+
-
+
-
TIMING
2
3
+
-
14
T
Vref
CLK
2.5V
+
-
1.2V
13
BLANKING
PWM
FAULT
SOFT-START
R
SQ
25V
16V/10V
VREF OK
DIS
+
-
E/A
1V
R
2R
DIS
2.5V
7
6
5
11
10
9
4
8
15
1
13V
PWM UVLO
12
SGND
COMP
SS
ISEN
DIS
DC
RCT
SYNC
DC-LIM
VCC
VREF
D98IN1002
VFB
PGND
OUT
VC
OVER CURRENT
BLOCK DIAGRAM
ORDERING NUMBERS: L4990/L4990A(DIP16)
L4990D/L4990AD (SO16W)
MULTIPOWER BCD TECHNOLOGY
DIP16
SO16W
1/24


Similar Part No. - L4990

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4992 STMICROELECTRONICS-L4992 Datasheet
296Kb / 26P
TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Jun-2000
L4993 STMICROELECTRONICS-L4993 Datasheet
526Kb / 30P
Low drop voltage regulator
08-Apr-2008
L4993D STMICROELECTRONICS-L4993D Datasheet
526Kb / 30P
Low drop voltage regulator
08-Apr-2008
L4993D STMICROELECTRONICS-L4993D Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4993DTR STMICROELECTRONICS-L4993DTR Datasheet
526Kb / 30P
Low drop voltage regulator
08-Apr-2008
More results

Similar Description - L4990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
logo
STMicroelectronics
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
Primary PWM Controller
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
SMART PRIMARY CONTROLLER
May-2005
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
Economy Primary Side Controller
logo
STMicroelectronics
TSM007 STMICROELECTRONICS-TSM007 Datasheet
131Kb / 12P
Primary PWM Controller
Jun-2004
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
SMART PRIMARY CONTROLLER
13-Jan-2006
L5991AD13TR STMICROELECTRONICS-L5991AD13TR Datasheet
416Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
logo
Texas Instruments
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
Economy Primary Side Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com