Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCU250 Datasheet(PDF) 3 Page - Bogen Communications LLC

Part # SCU250
Description  BOGEN MICROPHONES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

SCU250 Datasheet(HTML) 3 Page - Bogen Communications LLC

  SCU250 Datasheet HTML 1Page - Bogen Communications LLC SCU250 Datasheet HTML 2Page - Bogen Communications LLC SCU250 Datasheet HTML 3Page - Bogen Communications LLC SCU250 Datasheet HTML 4Page - Bogen Communications LLC SCU250 Datasheet HTML 5Page - Bogen Communications LLC SCU250 Datasheet HTML 6Page - Bogen Communications LLC SCU250 Datasheet HTML 7Page - Bogen Communications LLC SCU250 Datasheet HTML 8Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Description
The
WCU250
is
an
electret
condenser, professional microphone
perfectly-suited for picking up
audio from large groups. Because
it can hang from the ceiling and is
compact in size, the WCU250 is
very useful in minimizing visual
distraction for the performers
and the audience alike, and limits
intrusion into the working space.
The WCU250 cable is terminated by a mini-XLR (female). A mini-
XLR to standard XLR adapter (included) houses the pre-amplifier.
It requires an external 9V - 52V DC phantom power supply.
Features
• Cardioid pickup pattern
• Utilizes a superior-quality, state-of-the-art transducer element
and circuitry
• Transformerless, direct-coupled design to ensure clear,
transparent reproduction of even the most delicate transients
at the highest output levels
• Clear, crisp sound with outstanding ambient noise isolation
• Wide frequency response with excellent off-axis rejection
• Low profile, compact, hanging-type design
• Integrated metal hanger
Specifications
MIC Type:
Overhead hanging
Element:
Back electret condenser
Polar Pattern:
Cardioid
Impedance:
250-ohm
Frequency Response:
50 Hz to 18 kHz
Sensitivity*:
-65 dB +/- 3dB
Max SPL @ 1% THD:
>130 dB
S/N Ratio:
>65 dB
Phantom Voltage Req:
9V - 52V DC
Cable:
20 ft. quad cable
Connector:
Mini-XLR Female with Mini-XLR
to standard XLR (Male) adapter
Dimensions:
1-1/4" D x 1/2" Dia.
Product Weight:
5 oz.
Material:
Copper
Finish:
Matte black finish
* (0dB=1V/μ BAR 1,000 Hz indicated by open circuit)
WCU250 - Overhead Hanging
Description
The SCU250 is an unobtrusive,
surface-mount, boundary, condenser
microphone ideal for meeting rooms,
conferences, and stage productions
where minimum visibility is ideal. It
requires an external 9V - 52V DC
phantom power supply.
Features
• Cardioid pickup pattern
• Full, rich reproduction of voice and music
• Well-suited in capturing the sound source and immediate
surroundings
• Low sensitivity to stage vibration and thumping noise
• Mounting keyways for hanging or for secure attachment to the
mounting surface
• Excellent user sound isolation with excellent feedback rejection
• Heavy-duty metal case
• Low-impedance balanced output
Specifications
MIC Type:
Surface-mount
Element:
Back electret condenser
Polar Pattern:
Cardioid
Impedance:
250-ohm
Frequency Response:
20 Hz to 18 kHz
Sensitivity*:
-58 dB +/- 3dB
S/N Ratio:
>65 dB
Phantom Voltage Req:
9V - 52V DC
Cable:
26 ft., quad cable
Connector:
XLR Male
Dimensions:
2-
3/4" W x 3/4" H x 3-
1/4" D
Product Weight:
11 oz.
Material:
Zinc die cast
Finish:
Matte black finish
* (0dB=1V/μ BAR 1,000 Hz indicated by open circuit)
SCU250 - Boundary
Frequency Response Graph
Polar Graph
Frequency Response Graph
Polar Graph
6
3
Description
The MBS1000A is a dynamic, dual-imped-
ance, desktop microphone designed for
all industrial and commercial public
address and paging applications.
Features
• Uni-directional pickup pattern
• Push-to-talk or lift-to-talk operation
• Locking mechanism with push-to-talk
bar for long announcements
• Rubberized black finish with die-cast base
• Contact closure leads
Specifications
MIC Type:
Desktop
Element:
Dynamic
Polar Pattern:
Cardioid
Impedance:
Lo-Z, 500 ohms; Hi-Z, 50k ohms
(switch-selectable)
Frequency Response:
45 Hz to 15 kHz
Sensitivity*:
Hi-Z: -52 dB +/- 3 dB
Lo-Z: -72 dB +/- 3 dB
Cable:
7' of 4-conductor, 2-shielded
Switch:
Locking push-to-talk, lift-to-talk,
impedance selector
Dimensions:
4-
3/8" W x 9-3/8" H x 5-7/8" D
Product Weight:
1-1/4 lb.
Material:
ABS plastic
Finish:
Rubberized black finish
* (0dB=1V/μ BAR 1,000 Hz indicated by open circuit)
MBS
1000A - Desktop Paging
Frequency Response Graph
Polar Graph
Description
The DDU250 is a high-quality,
dynamic, gooseneck desktop micro-
phone ideal for any podium or PA
system. The gooseneck permits the
user to adjust the microphone’s angle
and height to suit the user’s needs.
Features
• Cardioid pickup pattern
• 16" long, fully flexible gooseneck
stalk that is shock-mounted to a
heavy zinc die cast base
• Push-to-lock and push-to-talk switches
• 10-foot cable with external contact closure outputs for the talk
switches
• Excellent speech intelligibility with low ambient noise
• Effective feedback control
• Low sensitivity to breath and popping sound
• Slim, compact design to minimize distraction to the user
Specifications
MIC Type:
Desktop
Element:
Moving coil dynamic
Polar Pattern:
Cardioid
Impedance:
500-ohm
Frequency Response:
100 Hz to 12 kHz
Sensitivity*:
-76 dB +/- 3dB
S/N Ratio:
>65 dB
Cable:
10 ft., 4-conductor, 2-shielded
Switches:
Push-to-lock and push-to-talk
Dimensions:
4-
1/4" W x 18-1/4" H x 6-1/4" D
Product Weight:
3-
1
/2 lb.
Material:
Zinc die cast
Finish:
Matte black
* (0dB=1V/μ BAR 1,000 Hz indicated by open circuit)
DDU250 - Dynamic Desktop
Frequency Response Graph
Polar Graph



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com