Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4981XD Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4981XD
Description  POWER FACTOR CORRECTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981XD Datasheet(HTML) 5 Page - STMicroelectronics

  L4981XD Datasheet HTML 1Page - STMicroelectronics L4981XD Datasheet HTML 2Page - STMicroelectronics L4981XD Datasheet HTML 3Page - STMicroelectronics L4981XD Datasheet HTML 4Page - STMicroelectronics L4981XD Datasheet HTML 5Page - STMicroelectronics L4981XD Datasheet HTML 6Page - STMicroelectronics L4981XD Datasheet HTML 7Page - STMicroelectronics L4981XD Datasheet HTML 8Page - STMicroelectronics L4981XD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE
VCC
Operating Supply Voltage
19.5
V
OVER VOLTAGE PROTECTION COMPARATOR
Vthr
Rising Threshold Voltage
Vref
-20mV
5.1
Vref
+20mV
V
V3Hys
Hysteresis
180
250
320
mV
I3
Input Bias Current
0.05
1
µA
td
Propagation delay to output
VOVP =Vthr +100mV
1
2
µs
OVER CURRENT PROTECTION COMPARATOR
Vth
Threshold Voltage
±30
mV
td
Propagation delay to Output
VOCP =Vthr -0.2V
0.4
0.9
µs
Iipk
Current Source Generator
VIPK = -0.1V
only for L4981A
65
85
105
µA
IL
Leakage Current
VIPK = -0.1V
only for L4981B
5
µA
CURRENT AMPLIFIER SECTION
Voffset
Input Offset Voltage
VMULT OUT =VSENSE = 3.5V
±2mV
I9bias
Input Bias Current
VSENSE = 0V
-500
50
500
nA
Open Loop Gain
1.1V
≤ VCA OUT ≤ 6V
70
100
dB
SVR
Supply Voltage Rejection
12V
≤ VCC ≤ 19V
VMULT OUT = 3.5V VSENSE = 3.5V
68
90
dB
V5H
Output High Voltage
VMULT OUT = 200mV
ICA OUT = -0.5mA, VIAC =0V
6.2
V
V5L
Output Low Voltage
VMULT OUT = -200mV
ICA OUT = 0.5mA, VIAC =0V
0.9
V
-I5
Output Source Current
VMULT OUT = 200mV,
VIAC = 0V, VCA-OUT = 3.5V
210
mA
I5
Output Sink Current
2
10
mA
OUTPUT SECTION
V20L
Output Voltage Low
ISINK = 250mA
0.5
0.8
V
V20H
Output Voltage High
ISOURCE = 250mA
VCC = 15V
11.5
12.5
V
tr
Output Voltage Rise Time
COUT = 1nF
50
150
ns
tf
Output Voltage Fall Time
COUT = 1nF
30
100
ns
VGDRV
Voltage Clamp
ISOURCE = 0mA
13
16
19
V
TOTAL STANDBY CURRENT SECTION
I19start
Supply Current before start up
VCC = 14V
0.3
0.5
mA
I19on
Supply Current after turn on
VIAC =0V, VCOSC =0,
Pin17 = Open
812
mA
I19
Operating Supply Current
Pin20 = 1nF
12
16
mA
VCC
Zener Voltage
(*)
20
25
30
V
UNDER VOLTAGE LOCKOUT SECTION
Vth ON
Turn on Threshold
14.5
15.5
16.5
V
Vth OFF
Turn off Threshold
9
10
11
V
Programmable Turn-on Threshold
Pin 15 to VCC = 220K
Pin15 to GND = 33K
10.6
12
13.4
V
LOAD FEED FORWARD
ILFF
Bias Current
V6 = 1.6V
70
140
µA
V6 = 5.3V
200
300
µA
VI
Input Voltage Range
1.6
5.3
V
(*) Maximum package power dissipation limits must be observed.
L4981A - L4981B
5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com