Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FP Datasheet(PDF) 7 Page - Analog Devices

Part # OP293FP
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FP Datasheet(HTML) 7 Page - Analog Devices

Back Button OP293FP Datasheet HTML 3Page - Analog Devices OP293FP Datasheet HTML 4Page - Analog Devices OP293FP Datasheet HTML 5Page - Analog Devices OP293FP Datasheet HTML 6Page - Analog Devices OP293FP Datasheet HTML 7Page - Analog Devices OP293FP Datasheet HTML 8Page - Analog Devices OP293FP Datasheet HTML 9Page - Analog Devices OP293FP Datasheet HTML 10Page - Analog Devices OP293FP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
–7–
Typical Performance Characteristics–OP193/OP293/OP493
120
40
–75
75
0
80
OFFSET –
V
160
–45
60
45
–30
0
30
VS
3V
VCM
0.1V
TA
25°C
450
PDIPS
200
15
–15
–60
VS
±15V
TA
25°C
450
PDIPS
200
160
120
80
40
0
OFFSET –
V
75
60
30
15
0
–15
–30
–45
–60
–75
45
VS
3V
VCM
0.1V
–40°C
TA
+125°C
450
PDIPS
0.6
90
30
0
1.0
0
60
TCVOS – V °C
120
0.2
0.8
0.4
150
0.6
90
30
0
1.0
0
60
TCVOS – V °C
120
0.2
0.8
0.4
VS
15V
–40°C
TA
+125°C
450
PDIPS
150
5
–2
0
–1
–3
COMMON-MODE VOLTAGE – V
0
1
234
1
–4
+125°C
–40°C
VS
5V
+25°C
75
15
5
–50
0
10
20
–25
125
0
25
50
100
+SR
–SR
VS
±15V
25
+SR
–SR
VS
+5V
TEMPERATURE – °C
100
80
40
10
100
1k
10k
FREQUENCY – Hz
60
20
0
+PSRR
5V
VS
30V
TA
25°C
–PSRR
120
| –ISC |
VS
±15V
75
20
–50
0
10
TEMPERATURE – °C
30
–25
125
0
25
50
100
40
+ISC
VS
±15V
| –ISC |
VS
+5V
+ISC
VS
+5V
TPC 1. OP193 Offset Distribution,
VS =
±15 V
TPC 4. OP193 TCVOS Distribution,
VS =
±15 V
TPC 2. OP193 Offset Distribution,
VS = +3 V
TPC 5. Input Bias Current vs.
Common-Mode Voltage
TPC 3. OP193 TCVOS Distribution,
VS = +3 V
TPC 6. PSRR vs. Frequency
120
100
80
40
60
20
0
VS
+5V
TA
25°C
VS
±15V
FREQUENCY – Hz
10
100
1k
10k
TPC 7. CMRR vs. Frequency
TPC 8. Slew Rate vs. Temperature
TPC 9. Short Circuit Current vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com