Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FS Datasheet(PDF) 6 Page - Analog Devices

Part # OP293FS
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FS Datasheet(HTML) 6 Page - Analog Devices

Back Button OP293FS Datasheet HTML 2Page - Analog Devices OP293FS Datasheet HTML 3Page - Analog Devices OP293FS Datasheet HTML 4Page - Analog Devices OP293FS Datasheet HTML 5Page - Analog Devices OP293FS Datasheet HTML 6Page - Analog Devices OP293FS Datasheet HTML 7Page - Analog Devices OP293FS Datasheet HTML 8Page - Analog Devices OP293FS Datasheet HTML 9Page - Analog Devices OP293FS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
OP193/OP293/OP493
–6–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP193/OP293/OP493 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Output Short-Circuit Duration to Gnd . . . . . . . . . . Indefinite
Storage Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP193/OP293/OP493E, F . . . . . . . . . . . . –40
°C to +125°C
Junction Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
Package Type
θ
JA
3
θ
JC
Unit
8-Pin Plastic DIP (P)
103
43
°C/W
8-Pin SOIC (S)
158
43
°C/W
14-Pin Plastic DIP (P)
83
39
°C/W
16-Pin SOL (S)
92
27
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2For supply voltages less than
±18 V, the input voltage is limited to the supply
voltage.
3
θJA is specified for the worst case conditions; i.e., θJA is specified for device in socket
for PDIP, and
θJAis specified for device soldered in circuit board for SOIC package.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP193ES
*
–40
°C to +125°C
8-Pin SOIC
SO-8
OP193ES-REEL
*
–40
°C to +125°C
8-Pin SOIC
SO-8
OP193ES-REEL7
*
–40
°C to +125°C
8-Pin SOIC
SO-8
OP193FP
*
–40
°C to +125°C
8-Pin Plastic DIP
N-8
OP193FS
–40
°C to +125°C
8-Pin SOIC
SO-8
OP193FS-REEL
–40
°C to +125°C
8-Pin SOIC
SO-8
OP193FS-REEL7
–40
°C to +125°C
8-Pin SOIC
SO-8
OP293ES
–40
°C to +125°C
8-Pin SOIC
SO-8
OP293ES-REEL
–40
°C to +125°C
8-Pin SOIC
SO-8
OP293ES-REEL7
–40
°C to +125°C
8-Pin SOIC
SO-8
OP293FP
*
–40
°C to +125°C
8-Pin Plastic DIP
N-8
OP293FS
–40
°C to +125°C
8-Pin SOIC
SO-8
OP293FS-REEL
–40
°C to +125°C
8-Pin SOIC
SO-8
OP293FS-REEL7
–40
°C to +125°C
8-Pin SOIC
SO-8
OP493ES
*
–40
°C to +125°C
16-Pin SOL
SOL-16
OP493ES-REEL
*
–40
°C to +125°C
16-Pin SOL
SOL-16
OP493FP
*
–40
°C to +125°C
14-Pin Plastic DIP
N-14
OP493FS
*
–40
°C to +125°C
16-Pin SOL
SOL-16
OP493FS-REEL
*
–40
°C to +125°C
16-Pin SOL
SOL-16
*Not for new design, obsolete April 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com