Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP491GS Datasheet(PDF) 13 Page - Analog Devices

Part # OP491GS
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491GS Datasheet(HTML) 13 Page - Analog Devices

Back Button OP491GS Datasheet HTML 9Page - Analog Devices OP491GS Datasheet HTML 10Page - Analog Devices OP491GS Datasheet HTML 11Page - Analog Devices OP491GS Datasheet HTML 12Page - Analog Devices OP491GS Datasheet HTML 13Page - Analog Devices OP491GS Datasheet HTML 14Page - Analog Devices OP491GS Datasheet HTML 15Page - Analog Devices OP491GS Datasheet HTML 16Page - Analog Devices OP491GS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
OP191/OP291/OP491
Rev. D | Page 13 of 24
FREQUENCY (Hz)
160
60
–40
80
100
120
140
–20
0
20
40
±PSRR
VS = 5V
TA = 25°C
+PSRR
–PSRR
100
1k
10M
1M
100k
10k
Figure 37. PSRR vs. Frequency, VS = 5 V
TEMPERATURE (°C)
0.6
0
125
0.3
0.1
25
0.2
–40
0.5
0.4
85
VS =5V
+SR
–SR
Figure 38. OP291 Slew Rate vs. Temperature, VS = 5 V
TEMPERATURE (°C)
0.50
0
125
0.15
0.05
25
0.10
–40
0.30
0.20
0.25
0.35
0.40
0.45
85
+SR
–SR
VS = 5V
Figure 39. OP491 Slew Rate vs. Temperature, VS = 5 V
TEMPERATURE (°C)
20
4
125
8
6
25
–40
12
10
14
16
18
85
–ISC, VS = +3V
+ISC, VS = ±5V
–ISC, VS = ±5V
+ISC, VS = +3V
Figure 40. Short-Circuit Current vs. Temperature, VS = +3 V, +5 V, ±5 V
FREQUENCY (Hz)
80
0
2500
20
10
0
40
30
50
60
70
2000
1500
1000
500
A
10kΩ
10kΩ
1kΩ
VIN = 10V p-p @ 1kHz
B
VO
VS = ±5V
Figure 41. Channel Separation, VS = ±5 V
FREQUENCY (Hz)
5.0
0
1.5
0.5
1.0
3.0
2.0
2.5
3.5
4.0
4.5
VIN = 4.8V p-p
VS = 5V
AV = +1
RL = 100kΩ
1M
100
1k
10k
100k
Figure 42. Maximum Output Swing vs. Frequency, VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com