Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP493FS Datasheet(PDF) 5 Page - Analog Devices

Part # OP493FS
Description  Precision, Micropower Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP493FS Datasheet(HTML) 5 Page - Analog Devices

  OP493FS Datasheet HTML 1Page - Analog Devices OP493FS Datasheet HTML 2Page - Analog Devices OP493FS Datasheet HTML 3Page - Analog Devices OP493FS Datasheet HTML 4Page - Analog Devices OP493FS Datasheet HTML 5Page - Analog Devices OP493FS Datasheet HTML 6Page - Analog Devices OP493FS Datasheet HTML 7Page - Analog Devices OP493FS Datasheet HTML 8Page - Analog Devices OP493FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
–5–
OP193/OP293/OP493
ELECTRICAL SPECIFICATIONS (@ V
S = 2.0 V, VCM = 0.1 V, TA = 25 C unless otherwise noted)
“E” Grade
“F” Grade
Parameter
Symbol
Conditions
Min Typ
Max
Min Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP193
75
150
µV
OP193, –40
°C ≤ TA ≤ +125°C
175
250
µV
OP293
100
250
µV
OP293, –40
°C ≤ TA ≤ +125°C
175
350
µV
OP493
125
275
µV
OP493, –40
°C ≤ TA ≤ +125°C
225
375
µV
Input Bias Current
IB
–40
°C ≤ T
A
≤ +125°C15
20
nA
Input Offset Current
IOS
–40
°C ≤ TA ≤ +125°C2
4
nA
Input Voltage Range
VCM
01
01
V
Large Signal Voltage Gain
AVO
RL = 100 k
Ω, 0.03 ≤ VOUT ≤ 1 V
60
60
V/mV
–40
°C ≤ T
A
≤ +125°C
70
70
V/mV
Long Term Offset Voltage
VOS
Note 1
150
300
µV
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 1.7 V to 6 V,
100
97
–40
°C ≤ T
A
≤ +125°C
9490dB
Supply Current/Amplifier
ISY
VCM = 1.0 V, RL =
∞
13.2 20
13.2 20
µA
–40
°C ≤ T
A
≤ +125°C25
25
µA
Supply Voltage Range
VS
+2
±18
+2
±18
V
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
65
65
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.05
0.05
pA/
√Hz
Voltage Noise
en p-p
0.1 Hz to 10 Hz
3
3
µV p-p
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 k
Ω
10
10
V/ms
Gain Bandwidth Product
GBP
25
25
kHz
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com