Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484FPZ Datasheet(PDF) 13 Page - Analog Devices

Part # OP484FPZ
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button OP484FPZ Datasheet HTML 9Page - Analog Devices OP484FPZ Datasheet HTML 10Page - Analog Devices OP484FPZ Datasheet HTML 11Page - Analog Devices OP484FPZ Datasheet HTML 12Page - Analog Devices OP484FPZ Datasheet HTML 13Page - Analog Devices OP484FPZ Datasheet HTML 14Page - Analog Devices OP484FPZ Datasheet HTML 15Page - Analog Devices OP484FPZ Datasheet HTML 16Page - Analog Devices OP484FPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 13 of 24
0.1
0.0005
0.001
0.01
20
1k
20k
100
10k
FREQUENCY (Hz)
VO = ±0.75V
VO = ±2.5V
VO = ±1.5V
AV = +1000
VS = ±2.5V
RL = 2kΩ
VS = ±1.5V
AV = +1
NO LOAD
TA = 25°C
500ns
100
90
10
0%
100mV
+200mV
0V
–200mV
Figure 41. Small Signal Transient Response
Figure 43. Total Harmonic Distortion vs. Frequency
VS = ±0.75V
AV = +1
NO LOAD
TA = 25°C
1µs
100
90
10
0%
100mV
+200mV
0V
–200mV
Figure 42. Small Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com