Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L585 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L585
Description  CAR ALTERNATOR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L585 Datasheet(HTML) 4 Page - STMicroelectronics

  L585 Datasheet HTML 1Page - STMicroelectronics L585 Datasheet HTML 2Page - STMicroelectronics L585 Datasheet HTML 3Page - STMicroelectronics L585 Datasheet HTML 4Page - STMicroelectronics L585 Datasheet HTML 5Page - STMicroelectronics L585 Datasheet HTML 6Page - STMicroelectronics L585 Datasheet HTML 7Page - STMicroelectronics L585 Datasheet HTML 8Page - STMicroelectronics L585 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (Vs =14.4V ; – 30
°C ≤ Tj ≤ 100°C unless otherwise specified ; refer to
application circuit)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
REGULATION
VS
Operating Supply Voltage
6
25
V
Id
Quiescent Drain Current (pin 10)
V10 = 5.5V
24
mA
VA
Alternator Reg. Voltage
Tj =20
°C, t = 100ms
R1 = 1.3K
Ω (1)
Tj =– 30
°C
Tj = + 100
°C
14.26
14.60
13.32
14.55
14.84
15.50
14.17
V
V
V
∆VA
Voltage Reg. Range
10% < d < 90%
± 60
mV
S
Sensitivity to R1 Variation
S = dVA/dR1
0.35
0.65
mV/
Ω
TCnS
Normalized S
Temperature Coeff.
1/S* dS/dT
– 2000
ppm/
°C
V6 sat
Darlington Driver Satur. Voltage
I6 = 20mA
200
mV
fs
Oscillation Frequency
Cosc = 20nF
80
170
Hz
I1
Standby Current (pin 1)
Vbatt = 12V
2
mA
DIAGNOSTIC
VAH
Overcharging Voltage
Threshold (2)
Tj =25
°C
R1 = 1.3K
Ω
VS =VAH (3)
–30
°C< Tj < + 100°C
1.054VA
1.049VA
1.086VA
1.091VA
V
V
VPL
Low Level Phase Voltage
Threshold (no load) (4)
f = 600Hz, Tj =25
°C
–30
°C< Tj < + 100°C
5
4.5
6
6
7
7.5
V
V
VAS
Difference
Between
Altern.
and
Supply Voltage (5)
Tj =25
°C
–30
°C< Tj < + 100°C
2.33
2.00
3.10
3.31
3.88
4.18
V
V
V1 3 sat
Lamp Driver Saturation Voltage
I13 = 250mA
1.5
V
V1 3 off
Lamp
Driver
Voltage
without
Power Supply (6)
RS >48
Ω
4.5
V
td
Alarm Delay
Cosc = 20nF
70
1.50
s
No tes : 1. d = 50 % the duty cycle of the output signal at pin 6.
2. The lamp is switched on with a fixed delay when the alternator voltage becomes higher than VAH. (overcharge indication).
3. Measured 100 ms after turn-on.
4. The lamp is switched on with a fixed delay when the voltage Vp becomes lower than VPL (the alternator is not charging the battery).
5. The lamp is switched on when the cable B is broken (VA -VS becomes higher than VAS).
6. The lamp is switched on when the cable A is broken (IC without power voltage supply).
7. When the voltage at pin 1 is greater than V1dp the internal darlington of the lamp is switched off.
L585
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com