Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP97 Datasheet(PDF) 6 Page - Analog Devices

Part # OP97
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP97 Datasheet HTML 2Page - Analog Devices OP97 Datasheet HTML 3Page - Analog Devices OP97 Datasheet HTML 4Page - Analog Devices OP97 Datasheet HTML 5Page - Analog Devices OP97 Datasheet HTML 6Page - Analog Devices OP97 Datasheet HTML 7Page - Analog Devices OP97 Datasheet HTML 8Page - Analog Devices OP97 Datasheet HTML 9Page - Analog Devices OP97 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP97
Rev. F | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
400
200
300
100
0
–40
–20
0
20
40
VS = ±15V
TA = 25°C
VCM = 0V
INPUT OFFSET VOLTAGE (µV)
1894 UNITS
Figure 2. Typical Distribution of Input Offset Voltage
400
200
300
100
0
–100
–50
0
50
100
VS = ±15V
TA = 25°C
VCM = 0V
INPUT BIAS CURRENT (pA)
1920 UNITS
Figure 3. Typical Distribution of Input Bias Current
500
400
200
300
100
0
–60
–40
–20
0
20
40
60
INPUT OFFSET CURRENT (pA)
1894 UNITS
VS = ±15V
TA = 25°C
VCM = 0V
Figure 4. Typical Distribution of Input Offset Current
60
–20
0
–40
–60
–75
–50
–25
0
25
100
75
50
125
20
40
TA = 25°C
VCM = 0V
IB–
IB+
IOS
TEMPERATURE (°C)
Figure 5. Input Bias, Offset Current vs. Temperature
60
–20
0
–40
–60
–15
–10
–5
10
5
01
20
40
IB–
IB+
IOS
5
TA = 25°C
VS = ±15V
COMMON-MODE VOLTAGE (V)
Figure 6. Input Bias, Offset Current vs. Common-Mode Voltage
±5
±2
±1
0
012
4
35
±3
±4
TA = 25°C
VS = ±15V
VCM =0V
J PACKAGES
Z, P PACKAGES
TIME AFTER POWER APPLIED (Minutes)
Figure 7. Input Offset Voltage Warmup Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com