Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07DN Datasheet(PDF) 9 Page - Analog Devices

Part # OP07DN
Description  150 關V Maximum Offset Voltage Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07DN Datasheet(HTML) 9 Page - Analog Devices

Back Button OP07DN Datasheet HTML 5Page - Analog Devices OP07DN Datasheet HTML 6Page - Analog Devices OP07DN Datasheet HTML 7Page - Analog Devices OP07DN Datasheet HTML 8Page - Analog Devices OP07DN Datasheet HTML 9Page - Analog Devices OP07DN Datasheet HTML 10Page - Analog Devices OP07DN Datasheet HTML 11Page - Analog Devices OP07DN Datasheet HTML 12Page - Analog Devices OP07DN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OP07D
Rev. 0 | Page 9 of 16
10
1
0.1
0.01
0.1
1
10
100
ILOAD (mA)
VOH = +VOUT
VOL = –VOUT
VS = ±15V
Figure 20. Output Voltage Swing vs. Load Current
10
1
0.1
0.01
0.1
1
10
100
ILOAD (mA)
VS = ±5V
VOH = +VOUT
VOL = –VOUT
Figure 21. Output Voltage Swing vs. Load Current
100
–40
–20
0
20
40
60
80
100
0
20
40
60
80
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN
PHASE
VS = ±15V
RL = ∞
CL = 20pF
ΦM = 80°
Figure 22. Open-Loop Gain and Phase vs. Frequency
50
–10
0
10
20
30
40
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
VIN = 28mV
RL = ∞
CL = 20pF
G = +1
G = +10
G = +100
Figure 23. Closed-Loop Gain vs. Frequency
50
–10
0
10
20
30
40
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±5V
VIN = 28mV
RL = ∞
CL = 20pF
G = +1
G = +10
G = +100
Figure 24. Closed-Loop Gain vs. Frequency
30
0
5
10
15
20
25
01
10
8
–OS
+OS
6
4
2
CLOAD (nF)
2
VS = ±15V
VIN = ±50mV
G = +1
Figure 25. Overshoot vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com