Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5973D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5973D
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973D Datasheet(HTML) 1 Page - STMicroelectronics

  L5973D Datasheet HTML 1Page - STMicroelectronics L5973D Datasheet HTML 2Page - STMicroelectronics L5973D Datasheet HTML 3Page - STMicroelectronics L5973D Datasheet HTML 4Page - STMicroelectronics L5973D Datasheet HTML 5Page - STMicroelectronics L5973D Datasheet HTML 6Page - STMicroelectronics L5973D Datasheet HTML 7Page - STMicroelectronics L5973D Datasheet HTML 8Page - STMicroelectronics L5973D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
L5973D
May 2003
s
2.5A INTERNAL SWITCH
s
OPERATING INPUT VOLTAGE FROM 4.4V TO 36V
s
3.3V / (
±2%) REFERENCE VOLTAGE
s
OUTPUT VOLTAGE ADJUSTABLE FROM
1.235V TO 35V
s
LOW DROPOUT OPERATION: 100% DUTY
CYCLE
s
250KHz INTERNALLY FIXED FREQUENCY
s
VOLTAGE FEEDFORWARD
s
ZERO LOAD CURRENT OPERATION
s
INTERNAL CURRENT LIMITING
s
INHIBIT FOR ZERO CURRENT
CONSUMPTION
s
SYNCHRONIZATION
s
PROTECTION AGAINST FEEDBACK
DISCONNECTION
s
THERMAL SHUTDOWN
APPLICATIONS:
s
CONSUMER: STB, DVD, TV, VCR,CAR
RADIO, LCD MONITORS
s
NETWORKING: XDSL, MODEMS,DC-DC
MODULES
s
COMPUTER: PRINTERS, AUDIO/GRAPHIC
CARDS, OPTICAL STORAGE, HARD DISK
DRIVE
s
INDUSTRIAL: CHARGERS, CAR BATTERY
DC-DC CONVERTERS
DESCRIPTION
The L5973D is a step down monolithic power switch-
ing regulator with a minimum switch current limit of
2.5A so it is able to deliver more than 2A DC current
to the load depending on the application conditions.
The output voltage can be set from 1.235V to 35V.
The high current level is also achieved thanks to an
SO8 package with exposed frame, that allows to re-
duce the Rth(j-amb) down to approximately 40°C/W
The device uses an internal P-Channel D-MOS tran-
sistor (with a typical Rdson of 250m
Ω) as switching
element to minimize the size of the external compo-
nents.
An internal oscillator fixes the switching frequency at
250KHz.
Having a minimum input voltage of 4.4V only, it is
particularly suitable for 5V bus, available in all com-
puter related applications.
Pulse by pulse current limit with the internal frequen-
cy modulation offers an effective constant current
short circuit protection.
HSOP8 - EXPOSED PAD
ORDERING NUMBER: L5973D
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
TEST APPLICATION CIRCUIT
D03IN1439
8
4
5
1
7
L5973D
C1
10
µF
35V
CERAMIC
C2
330
µF
10V
VOUT=3.3V
VIN = 4.4V to 35V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15
µH
D1
STPS340U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF


Similar Part No. - L5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
L5973D STMICROELECTRONICS-L5973D Datasheet
299Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
L5973D013TR STMICROELECTRONICS-L5973D013TR Datasheet
299Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
L5973D STMICROELECTRONICS-L5973D_08 Datasheet
299Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
More results

Similar Description - L5973D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D Datasheet
826Kb / 13P
2.5A switch step down switching regulator for automotive applications
23-Oct-2007
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
STMicroelectronics
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com