Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC16061CCVT Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16061CCVT
Description  Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16061CCVT Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC16061CCVT Datasheet HTML 2Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 3Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 4Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 5Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 6Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 7Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 8Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 9Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A,VD,VD I/O)
6.5V
Voltage on Any I/O Pin
−0.3V to (V
A +0.3V)
Input Current at Any Pin (Note 3)
±25mA
Package Input Current (Note 3)
±50mA
Power Dissipation at T
A = 25˚C
(Note 4)
ESD Susceptibility (Note 5)
Human Body Model
1500V
Machine Model
200V
Soldering Temp., Infrared, 10 sec. (Note 6)
300˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature
Range
0˚C
≤ T
A
≤ +70˚C
V
A, VD
+4.75V to +5.25V
V
D I/O
2.7V to V
D
V
REF − IN
1.0V to 3.0V
V
REF− IN
AGND to 1.0V
Digital Inputs
−0.05V to V
D + 0.05V
|V
A −VD |
≤ 100 mV
| AGND - DGND |
0V to 100 mV
Package Thermal Resistance
Package
θ
JA
32-Lead TQFP
70˚C / W
Converter Electrical Characteristics
The following specifications apply for AGND = DGND = DGND I/O = 0V, V
+ =V
A =VD = +5.0V, VD I/O = 3.0V or 5.0V,
PD = +5V, V
REF+ IN = +2.0V, VREF− IN = AGND, fCLK = 2.5 MHz, CL = 50 pF/pin. After Auto-Cal. Boldface limits apply for TA
=T
J =TMIN to TMAX: all other limits TA =TJ = 25˚C(Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
Static Converter Characteristics
Resolution with No Missing
Codes
15
Bits (min)
INL
Integral Non Linearity
At 16 Bits
±3
±9
LSB (max)
DNL
Differential Non Linearity
At 16 Bits
±1
+3
LSB (max)
−2
LSB (min)
Full-Scale Error
±0.6
3.0
% FS (max)
Zero Error
+0.1
±0.7
% FS (max)
Reference and Analog Input Characteristics
V
IN
Input Voltage Range (V
IN+ −
V
IN− )
2.0
1.8
2.2
V (min) V
(max)
C
IN
Input Capacitance
V
IN = 1.0V +
0.7Vrms
(CLK LOW)
12
pF
(CLK HIGH)
28
pF
V
REF
Reference Voltage Range [(
V
REF+ IN)−(VREF −IN)] (Note
14)
2.00
1.8
V (min)
2.2
V (max)
Reference Input Resistance
3.5
K
Ω
Dynamic Converter Characteristics
BW
Full Power Bandwidth
45
MHz
SNR
Signal-to-Noise Ratio
f
IN = 500 kHz
80
dB
SINAD
Signal-to-Noise & Distortion
f
IN = 500 kHz
79
dB
THD
Total Harmonic Distortion
f
IN = 500 kHz
−88
dB
SFDR
Spurious Free Dynamic Range
f
IN = 500 kHz
91
dB
IMD
Intermodulation Distortion
f
IN1 = 95 kHz
f
IN2 = 105 kHz
−97
dB
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com