| Electronic Components Datasheet Search |
|
ADCS9888 Datasheet(PDF) 18 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADCS9888 Datasheet(HTML) 18 Page - National Semiconductor (TI) |
|
18 / 34 page ![]() Configuration Register Descriptions Address (Hex) Write/Read or Read Only Bits POR Value Name Bit Name/Description 00H RO 7:0 Revision Chip Revision 8 bit value that indicates the silicon version. 00000000 = Rev. 0 01H W/R 7:0 01101001 PLL Divisor MSB The upper 8 MSBs of the 12 bit PLL divider value. Larger divisors cause the PLL to generate a higher frequency clock. This register should be loaded first, then register 02H, whenever the divider is changed. The PLL divider value is only updated when the LSB value in register 02H is updated. The actual PLL divider value = (PLL register value + 1), so setting a value of 1055d in registers 01H and 02H will result in a divide value of 1056. 02H W/R 7:4 1101**** PLL Divisor LSB Lower 4 LSBs of the 12 bit PLL divisor value. See register 01H. 03H W/R 7:6 01****** VCO RNG/CPMP Sets the VCO frequency range for the desired pixel rate. 00=15-41MHz 01=41-82MHz 10 = 82 - 150 MHz 11 = 150+ MHz 5:3 **001*** Sets the VCO charge pump current for the desired pixel rate. 000=50µA 001 = 100 µA 010 = 150 µA 011 = 250 µA 100 = 350 µA 101 = 500 µA 110 = 750 µA 111 = 1500 µA 04H W/R 7:3 10000*** Sample Phase Adjust 5 bit value that adjusts the ADC sample timing relative to HSYNC. LSB = 1/32 of one pixel period or 11.25 degrees of phase. The power up default value is 16D. 05H W/R 7:0 00001000 Clamp Placement Sets the Clamp starting point N pixel periods after the trailing edge of the Hsync signal. Settings from 1 to 255 are legal values for Clamp Placement. DO NOT SET = 0. 06H W/R 7:0 00010100 Clamp Duration Sets the Clamp duration to N pixel periods. Settings from 1 to 255 are legal values. DO NOT SET = 0. 07H W/R 7:0 00100000 HSOUT Pulsewidth Sets the number of pixel periods that HSOUT is active. The leading edge of HSOUT is set by an internally generated phase-adjusted PLL output. The chip then counts the number of pixel periods set by HSOUT Pulsewidth and triggers the trailing edge of HSOUT. 08H W/R 7:0 10000000 Red Gain Controls the ADC input range for the RGB video inputs. Default setting provides a nominal signal range of 0.7 V PP. Higher settings increase the signal range up to 1.0 V PP typ. Lower settings reduce the signal range to a minimum of 0.5 V PP typ. 09H W/R 7:0 10000000 Green Gain 0AH W/R 7:0 10000000 Blue Gain www.national.com 18 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |