Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5996 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5996
Description  5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5996 Datasheet(HTML) 3 Page - STMicroelectronics

  L5996 Datasheet HTML 1Page - STMicroelectronics L5996 Datasheet HTML 2Page - STMicroelectronics L5996 Datasheet HTML 3Page - STMicroelectronics L5996 Datasheet HTML 4Page - STMicroelectronics L5996 Datasheet HTML 5Page - STMicroelectronics L5996 Datasheet HTML 6Page - STMicroelectronics L5996 Datasheet HTML 7Page - STMicroelectronics L5996 Datasheet HTML 8Page - STMicroelectronics L5996 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (VIN = 12V; Ti =25
°C, OSC = GND, unless otherwise specified)
= specifications referred to T
J from 0 to 70
°C.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS
VIN
Input Supply Voltage
4.75
25
V
IOP
Operating Quiescent Current
RGATE = HGATE = OPEN
ENABLE = REG5
0.9
1.1
mA
ISB
Stand-By Current
ENABLE = GND
VIN = 12V
VIN = 25V
80
100
150
180
µA
µA
INTERNAL REGULATOR (VREG5)
VREG5
Output Voltage
VIN = 7.5V to 25V
ILOAD = 0 to 5mA,
CREG5 = 4.7
µF
4.9
5.0
5.1
V
IREG5
Total Current Capability
CREG5 = 4.7
µF
VIN = 5.5V
VIN
≥ 6V
25
60
mA
mA
Switch-Over Threshold Voltage
4.3
4.5
4.7
V
Current Capability
(internal switch on)
V5SW = 4.5 to 5.5V
VREG5
≥ 4.4V
25
mA
2.5V REFERENCE VOLTAGE
VO 2.5
Regulated Voltage
VIN 2.5 = 3.3V
CVO 2.5 =47
µF
IO2.5 = 10mA
2.45
2.5
2.55
V
Regulation over Line and Load 6V < VIN < 25V
VIN 2.5 = 3.3V
IO2.5 = 0-150mA
2.425
2.5
2.575
V
IVO 2.5 MAX Current Limit
VIN 2.5 = 3.3V
500
mA
PROGRAMMABLE REFERENCE VOLTAGE AND VBG
VPROG
Accuracy
VID0,VID1,VID2,VID3,VID4
see Table 1.
-0.5% V
PROG
+0.5%
V
VFB
Ouput Voltage Accuracy
Line and Load Regulation
included, VID0,VID1,VID2,VID3,
VID4, see Table 1.
-1%
VPROG
+1%
V
VBG
Band Gap reference
CVBG = 220nF
1.240 1.246
1.252
V
POWER MANAGEMENT
Enable Voltage
HIGH LEVEL
2.4
V
Disable Voltage
LOW LEVEL
0.8
V
Power Good Saturation
Voltage
Isink = 400
µA
0.4
V
NOSKIP Mode (Active high)
High Level
Low Level
2.4
0.8
V
V
Output UVLO Threshold
OVP = GND
60
70
80
%
Output UVLO Lockout Time
Depending on CSS value
775
ms/
µF
THERMAL DATA
Symbol
Parameter
Value
Unit
RTh j-amb
Thermal Resistance Junction to Ambient
60
°C/W
L5996
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com