Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6X2 Datasheet(PDF) 2 Page - Rohm

Part # VT6X2
Description  Power management (dual transistors)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VT6X2 Datasheet(HTML) 2 Page - Rohm

  VT6X2 Datasheet HTML 1Page - Rohm VT6X2 Datasheet HTML 2Page - Rohm VT6X2 Datasheet HTML 3Page - Rohm VT6X2 Datasheet HTML 4Page - Rohm VT6X2 Datasheet HTML 5Page - Rohm VT6X2 Datasheet HTML 6Page - Rohm VT6X2 Datasheet HTML 7Page - Rohm VT6X2 Datasheet HTML 8Page - Rohm VT6X2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VT6X2 / EMX52
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
<It is the same ratings for the Tr1 and Tr2>
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
100
mA
ICP*1
200
mA
Power dissipation
VT6X2
PD*2 *3
150
mW
EMX52
150
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
<It is the same characteristics for the Tr1 and Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = 50μA
50
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = 1mA
50
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = 50μA
5
-
-
V
Collector cut-off current
ICBO
VCB = 50V
-
-
100
nA
Emitter cut-off current
IEBO
VEB = 5V
-
-
100
nA
Collector-emitter saturation voltage
VCE(sat)
IC = 50mA, IB = 5mA
-
100
300
mV
DC current gain
hFE
VCE = 6V, IC = 1mA
120
-
560
-
Transition frequency
fT
VCE = 10V, IE = -10mA,
f = 100MHz
-
350
-
MHz
Output capacitance
Cob
VCB = 10V, IE = 0A,
f = 1MHz
-
1.6
-
pF
*1 Pw=10ms Single Pulse
*2 Each terminal mounted on a reference land.
*3 120mW per element must not be exceeded.
                                            
 
                                        
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/7
20151204 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com