Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD-C2 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # SPD-C2
Description  POWER DIVIDERS 0쨘 : 2-WAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SPD-C2 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  SPD-C2 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SPD-C2 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SPD-C2 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SPD-C2 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION SPD-C2 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
[ 107 ]
POWER DIVIDERS
0º : 2-WAY
POWER DIVIDERS
0º : 2-WAY
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
2 - 300
25/20
30/20
25/20
0.5/0.9 0.6/0.8 0.8/1.0
3.0
4.0
5.0
0.4
0.5
0.5
159
1
SDL-1
2 - 500
35/18
35/25
27/20
0.3/0.8 0.3/0.6 0.5/1.0
1.0
2.0
3.0
0.15
0.2
0.3
159
2
SDL-173
2 - 1000
35/25
27/17
23/17
0.5/0.6 0.7/0.9 1.2/1.5
1.0
2.0
4.0
0.2
0.3
0.6
159
2
SDL-100
5 - 500
25/20
30/20
25/20
0.4/0.7 0.5/0.8 0.6/1.0
3.0
4.0
5.0
0.4
0.4
0.6
159
2
SDL-2
5 - 750
25/18
30/23
23/17
0.6/1.4 0.8/1.6 1.5/1.8
1.0
3.0
5.0
0.2
0.3
0.5
159
2
SDL-174
5 - 500
25/20
30/20
25/20
0.4/0.7 0.5/0.8 0.6/1.0
3.0
4.0
5.0
0.4
0.4
0.6
134J
2
SDZ-2
10 - 1000
25/20
30/17
25/17
0.5/0.8 0.6/1.0 1.0/1.5
2.0
4.0
7.0
0.4
0.5
0.7
159
2
SDL-3
10 - 1000
25/20
30/17
25/17
0.5/0.8 0.6/1.0 1.0/1.5
2.0
4.0
7.0
0.4
0.5
0.7
134J
2
SDZ-3
20 -2000
20/15
20/15
25/15
0.6/0.8 0.7/1.0 0.8/1.5
2.0
3.0
5.0
0.2
0.3
0.5
159
2
SDL-6
500 -1500
20/15
20/15
18/13
0.6/0.8 0.7/0.8 1.0/1.4
3.0
4.0
7.0
0.3
0.4
0.7
159
2
SDL-4
700 - 900
-/-
-/-
23/20
-/-
-/-
0.5/0.8
-/-
-/-
2.0
-/-
-/-
0.5
134J
2
SDZ-125
1200 -1600
-/-
-/-
25/18
-/-
-/-
1.0/1.5
-/-
-/-
3.0
-/-
-/-
0.3
159
2
SDL-5
1700 -2500
-/-
-/-
20/16
-/-
-/-
0.8/1.3
-/-
-/-
10
-/-
-/-
0.9
159
2
SDL-7
LEADED SURFACE-MOUNT
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
PIN-OUT
(See
Below)
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PACKAGE
159
134J
*GROUND = Ground externally
#1
2
4,6
1,3,5
#2
6
3,4
1,2,5
#3
1
2,3
All other
INPUT
OUTPUT
*GROUND
PIN-OUT TABLE
Notes:
75 Ohm Model
Power Rating(All Models) = 1 watt, max
LB = 500-700 MHz, MB = 750-1000 MHz, UB = 1000-1500 Mhz
(UB) - Denotes full bandwidth specification
* Expanded frequency range available
§ Expanded frequency range available
** 50 Ohms, 5 Watts with mismatch of 1.2:1 or less
¥ 50 Ohms, 10 Watts with mismatch of 1.2:1 or less
For pin location and package outline drawings, see back pages.
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
MODEL
PHASE UNBALANCE
(Degrees)
Full Band
TYP/MAX
INSERTION LOSS
(dB)
Full Band
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION
(dB)
Full Band
TYP/MIN
PIN-OUT
(See Below)
AMPLITUDE UNBALANCE
(dB)
Full band
TYP/MAX
PACKAGE
650 - 1200
22/12
0.2/0.3
1.0/2.0
±0.15/0.20
1.3/1.5:1
234
3
S2D6512**
800 - 1200
25/20
0.2/0.4
1.0/2.0
±0.2/0.4
1.3/1.4:1
234
3
S2D8120¥§
1400 - 2600
20/12
0.3/0.4
1.0/2.0
±0.20/0.25
1.3/1.5:1
245
3
S2D1426**
1800 - 2200
25/20
0.2/0.4
1.0/2.0
±0.2/0.4
1.3/1.4:1
234
3
S2D1822§
2000 - 2500
25/18
0.3/0.4
1.0/2.0
±0.2/0.4
1.3/1.4:1
234
3
S2D2025¥
SYNSTRIP® SURFACE MOUNT
VSWR
TYP/MAX
234
245
New!



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com